Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TLEVAL Datasheet(PDF) 12 Page - Texas Instruments

Part # LM48822TLEVAL
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48822TLEVAL Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM48822TLEVAL Datasheet HTML 8Page - Texas Instruments LM48822TLEVAL Datasheet HTML 9Page - Texas Instruments LM48822TLEVAL Datasheet HTML 10Page - Texas Instruments LM48822TLEVAL Datasheet HTML 11Page - Texas Instruments LM48822TLEVAL Datasheet HTML 12Page - Texas Instruments LM48822TLEVAL Datasheet HTML 13Page - Texas Instruments LM48822TLEVAL Datasheet HTML 14Page - Texas Instruments LM48822TLEVAL Datasheet HTML 15Page - Texas Instruments LM48822TLEVAL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
CHARGE PUMP
C1P
C1N
CPVSS
C1
C2
VDD
VSS
HI-Z
INCOMING AUDIO
SIGNAL
OUT_
LM48822, LM48822TLEVAL
SNAS456B – MAY 2008 – REVISED MARCH 2011
www.ti.com
GENERAL AMPLIFIER EXPLANATION
The LM48822 features a differential input stage, which offers improved noise rejection compared to a single-
ended input amplifier. Because a differential input amplifier amplifies the difference between the two input
signals, any component common to both signals is cancelled. An additional benefit of the differential input
structure is the possible elimination of the DC input blocking capacitors. Since the DC component is common to
both inputs, and thus cancelled by the amplifier, the LM48822 can be used without input coupling capacitors
when configured with a differential input signal.
CHARGE PUMP ONLY MODE
In applications where the headphone jack is used as both an output and input port, signals such as a microphone
input can appear on the headphone amplifier output. Traditional charge pump headphone amplifiers can clamp
or distort the signals that appear on their output. Without the charge pump active, generating the negative
voltage supply, the internal protection diodes of the amplifier clamp the incoming signal, distorting the negative
half cycle, see Figure 5. The LM48822 charge pump only mode eliminates this problem. In charge pump only
mode, the amplifiers are disabled, while the charge pump remains active. The disabled amplifier outputs present
a high impedance (1M
Ω) load to the incoming signal. The charge pump maintains the negative rail, allowing the
incoming signal to swing between VDD and VSS without any interference from the device.
Set bit B4 (CP_ONLY) of the MODE CONTROL register to 1 for charge pump only mode. Setting CP_ONLY = 1
disables both the left and right channels, regardless of the status of the shutdown control bits. Set CP_ONLY = 0
for normal operation.
Figure 7. Back-Driving the LM48822 Outputs
COMMON MODE SENSE
The LM48822 features a ground (common mode) sensing feature. In noisy applications, or where the headphone
jack is used as a line out to other devices, noise pick up and ground imbalance can degrade audio quality. The
LM48822 COM input senses and corrects any noise at the headphone return, or any ground imbalance between
the headphone return and device ground, improving audio reproduction. Connect COM directly to the headphone
return terminal of the headphone jack Figure 8. No additional external components are required. Connect COM
to GND if the common-mode sense feature is not in use.
12
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com