Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD22-0 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCD22-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD22-0 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCD22-0 Datasheet HTML 7Page - STMicroelectronics STCD22-0 Datasheet HTML 8Page - STMicroelectronics STCD22-0 Datasheet HTML 9Page - STMicroelectronics STCD22-0 Datasheet HTML 10Page - STMicroelectronics STCD22-0 Datasheet HTML 11Page - STMicroelectronics STCD22-0 Datasheet HTML 12Page - STMicroelectronics STCD22-0 Datasheet HTML 13Page - STMicroelectronics STCD22-0 Datasheet HTML 14Page - STMicroelectronics STCD22-0 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
STCD22x0, STCD23x0, STCD24x0
Device overview
Doc ID 15400 Rev 2
11/39
Table 4.
Pin functions (STCD24x0, 4-channel)
Pin
number
Pin
name
Description
A1
VCC
Supply voltage (decouple with a 1 µF capacitor to GND)
B1
VTCXO LDO output for external clock source (decouple with a 1 µF capacitor to GND)
C1
MCLK
Master clock input
D1
OPT2
Optional pin 2. Connect to VCC or GND on PC board to field configure EN3 and
EN4 active high/low. Refer to
Section 3.2: Enable polarity for detailed
information.
A2
BYP
Bypass capacitor input pin (10 nF capacitor should be connected to GND in
order to improve thermal noise performance)
B2
GND
Supply ground
C2
MCREQ Master clock request signal (open drain, active low)
D2
OPT1
Optional pin 1. Connect to VCC or GND on PC board to field configure EN1 and
EN2 active high/low. Refer to
Section 3.2: Enable polarity for detailed
information.
A3
CLK1
Clock output channel - output 1
B3
EN1
Clock output channel enable-1 (active high/low OPT1 field programmable)
C3
EN4
Clock output channel enable-4 (active high/low OPT2 field programmable)
D3
CLK4
Clock output channel - output 4
A4
CLK2
Clock output channel - output 2
B4
EN2
Clock output channel enable-2 (active high/low OPT1 field programmable)
C4
EN3
Clock output channel enable-3 (active high/low OPT2 field programmable)
D4
CLK3
Clock output channel - output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com