Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD22-0 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STCD22-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD22-0 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STCD22-0 Datasheet HTML 16Page - STMicroelectronics STCD22-0 Datasheet HTML 17Page - STMicroelectronics STCD22-0 Datasheet HTML 18Page - STMicroelectronics STCD22-0 Datasheet HTML 19Page - STMicroelectronics STCD22-0 Datasheet HTML 20Page - STMicroelectronics STCD22-0 Datasheet HTML 21Page - STMicroelectronics STCD22-0 Datasheet HTML 22Page - STMicroelectronics STCD22-0 Datasheet HTML 23Page - STMicroelectronics STCD22-0 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Typical operating characteristics
STCD22x0, STCD23x0, STCD24x0
20/39
Doc ID 15400 Rev 2
Figure 13. Active current vs. temperature (EN1 = EN2 = EN3 = EN4 = 1, Cload = 20 pF, VCC = 3.8 V,
fMCLK = 26 MHz)
Figure 14. Standby current vs. supply voltage (EN1 = EN2 = EN3 = EN4 = 0, no master clock
input)
0
2
4
6
8
–30
–20
0
25
50
85
1 channel enabled
2 channels enabled
3 channels enabled
4 channels enabled
AM00498v1
Temperature (°C)
0
0.05
0.1
0.15
0.2
0.25
Supply voltage VCC (V)
AM00500v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com