Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD22-0 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCD22-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD22-0 Datasheet(HTML) 5 Page - STMicroelectronics

  STCD22-0 Datasheet HTML 1Page - STMicroelectronics STCD22-0 Datasheet HTML 2Page - STMicroelectronics STCD22-0 Datasheet HTML 3Page - STMicroelectronics STCD22-0 Datasheet HTML 4Page - STMicroelectronics STCD22-0 Datasheet HTML 5Page - STMicroelectronics STCD22-0 Datasheet HTML 6Page - STMicroelectronics STCD22-0 Datasheet HTML 7Page - STMicroelectronics STCD22-0 Datasheet HTML 8Page - STMicroelectronics STCD22-0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
STCD22x0, STCD23x0, STCD24x0
Description
Doc ID 15400 Rev 2
5/39
1
Description
The STCD22x0, STCD23x0 and STCD24x0 are 2, 3 or 4 output clock distribution circuits
which accept external square wave or sine wave signals and output rail-to-rail (0 V to
VTCXO) square wave signals. They are used to provide a common frequency clock to
multimode mobile RF applications. They can also be used for those baseband peripheral
applications in mobile phones such as WLAN, Bluetooth, GPS and DVB-H as the clock
reference. The STCD22x0, STCD23x0 and STCD24x0 isolate each device driven by their
clock outputs and minimize interference between the devices. Each of the clock buffers can
be disabled to lower the power consumption whenever the connected device does not need
the clock. The STCD22x0, STCD23x0 and STCD24x0 accept commonly used mobile
master clock frequencies ranging from 10 MHz to 52 MHz.
The STCD22x0, STCD23x0 and STCD24x0 have a common clock request (open drain
output, active low) controlling the external clock source. A 1.8 V, high PSRR LDO is also
integrated in the STCD22x0, STCD23x0 and STCD24x0 to supply power to the external
clock source (for example, TCXO). STMicroelectronics offers different versions for the
enable polarities. The STCD22x0, STCD23x0 and STCD24x0 are available in, respectively,
1.2 mm x 1.6 mm (12-bump), 1.2 mm x 1.6 mm (12-bump) and 1.6 mm x 1.6 mm (16-bump)
chip scale packages and can be operated with a battery supply voltage ranging from 2.5 V
to 5.1 V. The operating temperature is –20 to +85 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com