Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD22-0 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STCD22-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD22-0 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STCD22-0 Datasheet HTML 31Page - STMicroelectronics STCD22-0 Datasheet HTML 32Page - STMicroelectronics STCD22-0 Datasheet HTML 33Page - STMicroelectronics STCD22-0 Datasheet HTML 34Page - STMicroelectronics STCD22-0 Datasheet HTML 35Page - STMicroelectronics STCD22-0 Datasheet HTML 36Page - STMicroelectronics STCD22-0 Datasheet HTML 37Page - STMicroelectronics STCD22-0 Datasheet HTML 38Page - STMicroelectronics STCD22-0 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
STCD22x0, STCD23x0, STCD24x0
Part numbering
Doc ID 15400 Rev 2
37/39
9
Part numbering
Table 13.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
STCD
22
0
0
F3
5
F
Device type
STCD = clock distribution
Channels
22 = 2-channel(1)
1.
Contact local ST sales office for availability.
23 = 3-channel(1)
24 = 4-channel
Enable polarity
STCD22x0 (user programmable)
0 = OPT1 sets EN1, OPT2 sets EN2
STCD23x0 (factory programmable)
0 = EN1, EN2, EN3
1 = EN1, EN2, EN3
2 = EN1, EN2, EN3
3 = EN1, EN2, EN3
STCD24x0 (user programmable)
0 = OPT1 sets EN1 and EN2, OPT2 sets EN3 and EN4
1 = OPT1 sets EN1, OPT2 sets EN2, EN3, and EN4(1)
Master clock request (MCREQ)
0 = MCREQ active low
Package
F3 = Flip chip, lead-free, pitch = 400 µm, bump = 250 µm
(12-bump for 2- or 3-channel, 16-bump for 4-channel)
Temperature range
5 = –20 °C to +85 °C
Shipping method
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com