Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH10-10B05-RU Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10B05-RU
Description  10W竊똀C-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10B05-RU Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LH10-10B05-RU Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LH10-10B05-RU
2013.08.06-A/0
Page
4 of 4
Note:
1.
Output filtering capacitors C2 is electrolytic capacitors, It is recommended to use high frequency and low impedance electrolytic capacitors. For capacitance and current of
capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should be 80% or above. C1 is use to filter high frequency noise. TVS is recommended
component to protect post-circuits (if converter fails).
2.
For standard EMC requirement, please refer to figure 1.If higher EMC requirement ,please refer to figure 3, recommended parameters are shown in the table below.
Recommend Parameter For Higher EMC Standard Circuit
Components
Recommend Parameter
MOV
S14K350
CY1, CY2, CY3, CY4
1nF/400VAC
CX
0.22
µF/275VAC
R1, R2
2
Ω/3W Winding resistor
R3
1M
Ω/2W
LCM
10mH, recommended to use MORNSUN
’s FL2D-Z5-103
NTC
5D-9
FC-L01D
2KV/4KV Surge protector
FUSE
2A/250V, slow blow, it must be connected to FUSE
OUTLINE DIMENSIONS,RECOMMENDED FOOTPRINT&PACKAGING
Note: Because without lower cover, the undersurface of product may be not smooth and flat, and may have other un-beautiful phenomenon. But this does not affect the
normal performance and reliability of products.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com