Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH10-10B05-RU Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10B05-RU
Description  10W竊똀C-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10B05-RU Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LH10-10B05-RU Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LH10-10B05-RU
2013.08.06-A/0
Page
1 of 4
LH10-10B05-RU
10W,AC-DC CONVERTER
LH10-10B05-RU---- a compact size power converter offered by
Mornsun. It features universal input voltage, taking both DC and AC
input voltage, low power consumption, high efficiency, high reliability,
safer isolation. It offers good EMC performance, and widely used in
industrial, office and civil applications. For harsh EMC environment, this
series of products must use the refered application circuit.
RoHS
FEATURES
1.Universal Input :85 ~ 264VAC,50/60Hz
2.Regulated output, low ripple and noise
3.Over-current, short circuit and over-voltage protection
4.Three years warranty
5.Mounting:PCB mounting
6.Ultrathin height
PART NUMBER SYSTEM
LH10-10B05-RU
Output Voltage
Output Sty le
Input Vol tage
Is olation Vol tage
R ated Pow er
Pack age Sty le
Produc t Seri es
SELECTION GUIDE
Model
Power
Output
(Vo/Io)
Max. Capacitive Load
(
µF)
Ripple and Noise
(Max.)
Efficiency
(230VAC,Typ.)
Standby Power
Consumption (Max.)
LH10-10B05-RU
10W
5V/2000mA
9000
100mV
76
0.5W
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
AC Input
85
--
264
Input Voltage Range
DC Input
120
--
370
V
Input Frequency
47
--
63
Hz
110VAC
--
--
0.26
Input Current
230VAC
--
--
0.16
110VAC
--
10
--
Inrush Current
230VAC
--
20
--
A
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±2
--
Line Regulation
--
±0.5
--
Load Regulation
--
±1
--
%
Ripple& Noise(p-p)
20MHz bandwidth
--
50
100
mV
Min. Load
0
--
--
%
110VAC
--
16
--
Hold-up Time
230VAC
--
80
--
ms
Over Current Protection
≥110
%
Over Voltage Protection
--
--
7.5
V
Short Circuit Protection
Continuous, and auto recovery
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-40
--
+70
Storage Temperature
-40
--
+105
Max. Case Temperature
--
--
90
℃
Storage Humidity
--
--
95
%RH


Similar Part No. - LH10-10B05-RU

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B05 MORNSUN-LH10-10B05 Datasheet
216Kb / 11P
5-25W, AC-DC CONVERTER
LH10-10B05 MORNSUN-LH10-10B05 Datasheet
811Kb / 8P
LH series ----is a compact size power converter offered by Mornsun.
LH10-10B05 MORNSUN-LH10-10B05 Datasheet
1Mb / 7P
10W, AC-DC converter
More results

Similar Description - LH10-10B05-RU

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10BR5 MORNSUN-LH10-10BR5 Datasheet
393Kb / 4P
10W竊똀C-DC CONVERTER
LH15-10B05-MTL MORNSUN-LH15-10B05-MTL Datasheet
315Kb / 3P
15W竊똀C-DC CONVERTER
LD10-20B03 MORNSUN-LD10-20B03_15 Datasheet
2Mb / 6P
10W, AC/DC converter
LH10-10B03 MORNSUN-LH10-10B03_15 Datasheet
1Mb / 7P
10W, AC-DC converter
LHE10-20A05 MORNSUN-LHE10-20A05 Datasheet
1Mb / 6P
10W, AC-DC converter
LD10-26B03 MORNSUN-LD10-26B03 Datasheet
1Mb / 6P
10W, AC/DC converter
LDE10-20B03 MORNSUN-LDE10-20B03 Datasheet
1Mb / 5P
10W, AC/DC converter
LHE10-20B03 MORNSUN-LHE10-20B03 Datasheet
1Mb / 6P
10W, AC-DC converter
LHE10-20D0512-02ER2 MORNSUN-LHE10-20D0512-02ER2 Datasheet
1Mb / 5P
10W, AC-DC converter
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
DC-DC CONVERTER 10W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com