Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH10-10B05-RU Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10B05-RU
Description  10W竊똀C-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10B05-RU Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH10-10B05-RU Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LH10-10B05-RU
2013.08.06-A/0
Page
3 of 4
Efficiency VS Input Voltage curve
(Full Load)
0
10
20
30
40
50
60
70
80
90
100
85
120
240
264
Input Voltage(V)
LH10-10B05-RU
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10 20 30 40 50 60 70 80 90 100
Total Output Current (%)
LH10-10B05-RU
TYPICAL APPLICATIONS
AC(L)
+Vo
-Vo
AC(L)
AC(N)
AC (N)
C2
C1
T VS RL
NTC
FUSE
AC/DC
MOV
(Figure 1): LH10-10B05-RU Typical application circuit
A C (L)
A C ( N)
+ Vo
-Vo
AC/DC
A C ()
L
A C ( N)
+ Vo
- Vo
(Figure 2): This application is not available for this series.
Note: If you have such application, please consult to our FAE department.
EMC RECOMMENDED CIRCUIT
(Figure 3):Recommended circuit for applications which require higher EMC standard (external circuit output is the same as figure 1)
EMC RECOMMENDED CIRCUIT PCB LAYOUT
(figure 4): EMC application circuit PCB layout
Safety and recommend wiring: line-width
≥3mm, line-line distance≥6mm, line- ground distance≥6mm
EXTERNAL CIRCUIT PARAMETERS
Model
C1
C2
TVS
LH10-10B05-RU
1
µF
330
µF
SMBJ7.0A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com