Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH10-10B05-RU Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10B05-RU
Description  10W竊똀C-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10B05-RU Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LH10-10B05-RU Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10B05-RU Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LH10-10B05-RU
2013.08.06-A/0
Page
2 of 4
Temperature coefficient
--
--
0.02
-40℃~-10℃
2
--
--
Power derating
+55℃~+70℃
3.75
--
--
%/℃
Isolation Resistance
100
--
--
M
Ω
Isolation Voltage
Input-Output
Tested for 1 minute
3000
--
--
VAC
Switching Frequency
--
65
--
kHz
Weight
--
73
--
g
Safety Class
CLASS Ⅰ
Safety standards
UL60950/EN60950/IEC60950
Hot swap
Forbid
Case Material Grade
UL 94V-0
Install
PCB
Cooling
Free air convection
MTBF
>300,000 h @ 25℃
Note: 1. Ripple and Noise were measured by the method of parallel lines measure;
2. All date in the datasheet are measured according to nominal input voltage, rated output load, TA=25
, humidity<75%, unless otherwise specified
℃
;
3. All characteristics are for listed model only, non-standard models may perform differently, please contact our technical person for more detail.
EMC SPECIFICATIONS
CE
CISPR22/EN55022, CLASS B(without external circuit )
EMI
RE
CISPR22/EN55022, CLASS B(without external circuit )
ESD
IEC/EN61000-4-2
Contact
±6KV / Air ±8KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
±2KV
(without external circuit )
perf. Criteria B
EFT
IEC/EN61000-4-4
±4KV
(Recommended Circuit Refer to Figure 3)
perf. Criteria B
IEC/EN61000-4-5
±1KV/±2KV (without external circuit )
EMS
Surge
IEC/EN61000-4-5
±2KV/±4KV (Recommended Circuit Refer to Figure 3)
perf. Criteria B
PARALLEL LINES MEASURE
FUSE
Copper sheet
Connect
Oscillograph Probe
Load
C1: 1
μF (ceramic capacitor)
C2: 10
μF (electrolytic capacitor)
PRODUCT TYPICAL CURVE
-4 0
-1 0
5 5
70
100
80
60
40
20
43 .75
Amb ien t Tem .()
℃
Te mpe ra tu re Dera tin g Graph
~
2 40VAC
Inpu t vo ltage:
100
Note: W hen input 85~100VAC/240~264VAC, it need to be voltage derated on
basis of temperature derating.
100
240
85
264
20
40
100
60
80
75
In pu t Vo ltag e
VAC
()
Amb ien t te mpe ra tu re:25℃
Inp ut Vo ltag e De ra tin g Graph
*Note: When input DC,
Vdc=1.414*Vac-20.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com