Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTD Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # HTD
Description  CONTACTOR 60 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HTD Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button HTD Datasheet HTML 6Page - List of Unclassifed Manufacturers HTD Datasheet HTML 7Page - List of Unclassifed Manufacturers HTD Datasheet HTML 8Page - List of Unclassifed Manufacturers HTD Datasheet HTML 9Page - List of Unclassifed Manufacturers HTD Datasheet HTML 10Page - List of Unclassifed Manufacturers HTD Datasheet HTML 11Page - List of Unclassifed Manufacturers HTD Datasheet HTML 12Page - List of Unclassifed Manufacturers HTD Datasheet HTML 13Page - List of Unclassifed Manufacturers HTD Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
The bifilar coil
The principle is to wind on the magnetic circuit of the main coil a second coil shorted on itself. By a proper adaptation of the
internal resistance of this second coil it is possible to find an acceptable equilibrium between surge voltage and reduction of
the opening speed. To be efficient at fast voltage changes, the coupling of two coils must be perfect. This implies embedded
windings. The volume occupied by the second coil reduces the efficiency of the main coil and results in higher coil power
consumption. This method cannot be applied efficiently to products not specifically designed for this purpose.
The resistor (parallel with the coil)
For efficient action, the resistor must be of the same order of magnitude as the coil resistance. A resistor 1.5 times the coil
resistance will limit the surge to 1.5 times the supply voltage. Release time and opening speed are moderately affected. The
major problem is the extra power dissipated.
Semi-conductor devices
The diode
It is the most simple method to totally suppress the surge voltage. It has the major disadvantage of the higher reduction of
contact opening speed. This is due to the total recycling, through the diode, of the energy contained in the coil itself. The
following measurement is performed once again on the same relay. Operation times are given by the upper curve:
- time to start the movement 14ms
- transfer time 5ms
These times are multiplied by a coefficient from 4 to 8.
The lower curve shows the coil current. The increase prior to NO contact opening indicates that the contact spring dissipates
its energy. At the opening time the current becomes constant as a result of practically zero opening speed.
Due to this kind of behavior, this type of suppression must be avoided for power relays. For small relays which have to switch
low currents of less than 0.2 A, degradation of life is not that significant and the method may be acceptable.
Date of issue: 6/00
- 10 -
Page 3 of 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com