Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HTD
Description  CONTACTOR 60 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HTD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HTD Datasheet HTML 3Page - List of Unclassifed Manufacturers HTD Datasheet HTML 4Page - List of Unclassifed Manufacturers HTD Datasheet HTML 5Page - List of Unclassifed Manufacturers HTD Datasheet HTML 6Page - List of Unclassifed Manufacturers HTD Datasheet HTML 7Page - List of Unclassifed Manufacturers HTD Datasheet HTML 8Page - List of Unclassifed Manufacturers HTD Datasheet HTML 9Page - List of Unclassifed Manufacturers HTD Datasheet HTML 10Page - List of Unclassifed Manufacturers HTD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Application notes
N°102
RELAYS AND TEMPERATURE VARIATIONS
Most relay parameters are specified as maximum values over the rated temperature range of the specific relay. Users often
find that key parameters differ significantly at ambient temperature (20-25°C) and sometimes fall into the trap of specifying
their system around these ambient parameters. Additionally the actual temperature experienced by the relay can be far in
excess of existing ambient temperatures due to the heat generated by the coil current and the contact load. Figure 1 is the
summary of temperature effects on relay electrical characteristics.
Temperature
Resistance
Current
Operating
Voltage
Release
Voltage
Operate Time
Release Time
Increase
UP
DOWN
UP
UP
UP
UP
Decrease
DOWN
UP
DOWN
DOWN
DOWN
DOWN
Fig. 1
The following formulas are sometimes useful in calculating the effects shown above.
1. Change in coil resistance due to change of ambient temperature can be calculated by the following formula.
R = R20 [1 + .0039 (T-20)]
Where: R = Coil resistance at given temperature
R20 = Coil resistance at 20°C
T = °C Ambient temperature
"Rule of Thumb" : For each 10°C change of temperature, coil resistance will change approximately 4%.
2. High and low temperature pick up voltage:
E2 = E1K2,
Where: E2 = Pick Up Voltage at T2 temperature
E1 = Pick Up Voltage at 20°C
K2 = Coefficient of correction found on the graph in Fig. 2 at T2
Date of issue: 6/00
- 15 -
Page 1 of 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com