Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HTD
Description  CONTACTOR 60 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HTD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HTD Datasheet HTML 1Page - List of Unclassifed Manufacturers HTD Datasheet HTML 2Page - List of Unclassifed Manufacturers HTD Datasheet HTML 3Page - List of Unclassifed Manufacturers HTD Datasheet HTML 4Page - List of Unclassifed Manufacturers HTD Datasheet HTML 5Page - List of Unclassifed Manufacturers HTD Datasheet HTML 6Page - List of Unclassifed Manufacturers HTD Datasheet HTML 7Page - List of Unclassifed Manufacturers HTD Datasheet HTML 8Page - List of Unclassifed Manufacturers HTD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ENGINEERING DATA SHEET
SERIES H,HD,HP,HT,HTD,HPT
CONTACTOR
60 AMP
APPLICATION NOTES:
101
102
104
105
007
Balanced-Force Design
Hermetically sealed
Designed to the
performance
standards of
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
Contacts rated at
28 Vdc and 115 Vac,400 Hz, 1 Ø
and 115/200 Vac 400Hz, 3 Ø
Weight
400 g
Special units available upon request, including models with auxiliary
contacts. Optional Ground Fault Protection (GEP) Feature Available.
Contact factory for information on MIL-qualified part numbers.
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
28 Vdc
115 Vac
400 Hz
115/200 Vac
400 Hz
115 Vac
60 Hz
DELTA
Resistive
Inductive [2]
Motor
Intermediate current
Load transfer [3]
50
20
20
10
-
50 [5]
20 [5]
-
-
-
60
60
-
-
12.5/60
65 [5]
65 [5]
-
-
12.5/60
60
60
40
15
12.5/60
30
30
30
-
-
Featuring LEACH© power and control solutions
www.esterline.com
AMERICAS
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622
.
.
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
EUROPE
2 Rue Goethe
57430 Sarralbe
France
.
.
Tel: (33) 3 87 97 31 01
Fax: (33) 3 87 97 96 86
ASIA
Units 602-603 6/F Lakeside 1
No.8 Science Park West Avenue
Phase Two, Hong Kong Science Park
Pak Shek Kok, Tai Po, N.T.
Hong Kong
Tel: (852) 2 191 3830
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Esterline Power Systems prior to choosing a component.
Date of issue: 01/11
- 60 -
Page 1 of 5


Similar Part No. - HTD

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HTD EDI-HTD Datasheet
41Kb / 2P
Operation High Voltage Rectifier Assemblies
logo
Weller Tools
HTD WELLER-HTD Datasheet
80Kb / 4P
Soldering Tips
logo
RMT Ltd.
HTD04-059-08D12 RMT-HTD04-059-08D12 Datasheet
1Mb / 5P
Thermoelectric Solutions
HTD04-127-05D16 RMT-HTD04-127-05D16 Datasheet
1Mb / 5P
Thermoelectric Solutions
logo
List of Unclassifed Man...
HTD1050-5M-09 ETC-HTD1050-5M-09 Datasheet
70Kb / 3P
Magnetic Hydraulic Circuit Breaker H Series 1Pole 50Hz/60Hz Instantaneous Delay Handle Type One Per
More results

Similar Description - HTD

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
9124 LEACH-9124 Datasheet
613Kb / 6P
CONTACTOR 3 PST, 50 AMP
9125 LEACH-9125 Datasheet
809Kb / 8P
CONTACTOR 50 AMP
9207 LEACH-9207 Datasheet
821Kb / 8P
POWER CONTACTOR 100 AMP
H-X0X LEACH-H-X0X Datasheet
802Kb / 5P
CONTACTOR 60 AMP
L-X0X LEACH-L-X0X Datasheet
558Kb / 6P
CONTACTOR 90 AMP
LC-X0X LEACH-LC-X0X Datasheet
1Mb / 6P
CONTACTOR, CENTER-OFF 90 AMP
WC-X0X LEACH-WC-X0X Datasheet
806Kb / 7P
CONTACTOR, CENTER-OFF 250 AMP
Z-X0X LEACH-Z-X0X Datasheet
1Mb / 10P
POWER CONTACTOR 120 AMP
ZG-X0X LEACH-ZG-X0X Datasheet
1,017Kb / 9P
POWER CONTACTOR 145 AMP
ZJ-X0X LEACH-ZJ-X0X Datasheet
1Mb / 11P
POWER CONTACTOR 180 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com