Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HTD
Description  CONTACTOR 60 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HTD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HTD Datasheet HTML 1Page - List of Unclassifed Manufacturers HTD Datasheet HTML 2Page - List of Unclassifed Manufacturers HTD Datasheet HTML 3Page - List of Unclassifed Manufacturers HTD Datasheet HTML 4Page - List of Unclassifed Manufacturers HTD Datasheet HTML 5Page - List of Unclassifed Manufacturers HTD Datasheet HTML 6Page - List of Unclassifed Manufacturers HTD Datasheet HTML 7Page - List of Unclassifed Manufacturers HTD Datasheet HTML 8Page - List of Unclassifed Manufacturers HTD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
COIL CHARACTERISTICS (Vdc)
SERIES H,HD,HP,HT,HTD,HPT
CODE
A
Vdc
B
Vdc
C
Vdc
F
Vac 400Hz
N [6]
Vdc
Nominal operating voltage
28
12
6
115
28
Maximum operating voltage
29
14.5
7.3
124
29
Pick-up voltage, maximum
- Nominal
18
9
4.5
90
18
- High temp test
20
10
5
95
20
- Continuous current test
22.5
11
5.7
100
22.5
Drop-out voltage, maximum
7
4.5
2.5
30
7
Coil resistance in Ohms ±10% at +25° C
200
50
12
-
200
Coil current max. mA at +25° C
-
-
-
90
-
GENERAL CHARACTERISTICS
Temperature range
-55°C to +71°C
Minimum operating cycles (life) at rated resistive load
50,000
Minimum operating cycles (life) at 25% rated resistive load
200,000
Dielectric strength at sea level
- All circuits to ground and circuit to circuit
1500 Vrms
- Coil to ground and aux. contacts
1000 Vrms
Dielectric strength at altitude: 15,240 m
- Main contacts
700 Vrms
- Coil and aux. contacts
500 Vrms
Insulation resistance
- Initial
100 M
Ω min
- After environmental tests
50 M
Ω min
Sinusoidal vibration
10 G / 70 to 2000 Hz
Shock (6 ms duration)
50 G
Maximum contact opening time under vibration and shock
10 µs
Operate time at nominal voltage (Including bounce)
50 ms max
35 ms max. [5]
Release time at nominal voltage (Including bounce)
- DC
25 ms max
- AC
80 ms max
Contact bounce at nominal voltage
3 ms max
Weight
400 grams max.
330 grams max. [5]
Power requirements:
- at pick-up +25° C
0.980 watt
- at nominal D.C. voltage
4.35 watt max.
Overload @ 115/200 Vac, 400Hz.
@ 28 Vdc
400 Amp
125 Amp
Rupture @ 115/200 Vac, 400Hz.
@ 28 Vdc
500 Amp
150 Amp
Date of issue: 01/11
- 61 -
Page 2 of 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com