Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE0305MC-R Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NTE0305MC-R
Description  Isolated 1W Single Output SM DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTE0305MC-R Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NTE0305MC-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTE Series
Isolated 1W Single Output SM DC/DC Converters
KDC_NTE.K04 Page 5 of 6
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
1-VIN
3+VIN
5NA
7-VOUT
8
+VOUT
10
NA
12
NA
14
NA
NA - Not available for electrical connection.
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
All dimensions in mm ±0.25mm (inches ±0.01). All pins on a 2.54 (0.1) pitch and within ± 0.25 (0.01) of true position.
Weight: 1.21g
0.25 (0.010)
0.10 (0.004)
2.79 (0.110) MAX
6.35 (0.250)
5.85 (0.230)
6.60 (0.260)
5.95 (0.234)
1.875 MAX
0.1(0.004) S
7.70 (0.303)
11.20 (0.441)
10.40 (0.409)
2.54 (0.100)
0.65 (0.026)
0.55 (0.022)
1
2.10 (0.083)
10 PINS
0.2 (0.008)
S
12.70 (0.500)
7.62 (0.300)
14
PLANE
SEATING
DETAIL A
S
DETAIL A
P
REFERENCE
PLANE
0.30 (0.012)
0.20 (0.008)
0.50 (0.020)
1.50 (0.059)
1.20 (0.047)
±5.00°
7
XYYWW
NTE0505MC
10
12
8
5
3
Unless otherwise stated all dimensions in mm±0.5mm (inches ±0.02).
Tube length : 475±2.0 (18.70±0.07).
Tube Quantity : 35
9.40 (0.370)
2.10 (0.083)
6.70 (0.264)
14.35 (0.565)
0.60±0.15 (0.024±0.006)
All pins on a 2.54mm pitch.
Unless otherwise stated all dimensions in mm (inches) ±0.5mm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com