Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE0305MC-R Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NTE0305MC-R
Description  Isolated 1W Single Output SM DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTE0305MC-R Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  NTE0305MC-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTE Series
Isolated 1W Single Output SM DC/DC Converters
KDC_NTE.K04 Page 6 of 6
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2014 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
REEL PACKAGING DETAILS
13.20
(0.52)
0.60 (0.02) MAX
16.00 (0.63)
6.60
(0.26)
11.60
(0.46)
1.75(0.07)
11.50
(0.45)
24.00±0.30
(0.94±0.04)
4.00
(0.16)
2.00
(0.08)
1.50 (Ø0.06)
-0.00 (-0.00)
+0.004 (+0.10)
330
(12.99) MAX
100
(3.94) MIN
13.00±0.25
(0.51±0.009)
Ø
Ø
TRAILER SECTION
160 (6.30) MIN
GOODS ENCLOSURE
SECTION
LEADER SECTION
400 (15.75) MIN
CARRIER TAPE START
100 (3.94) MIN
Product Orientation
Pin 1, located nearest to
carrier drive sprocket.
Reel Quantity : 500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com