Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE0305MC-R Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NTE0305MC-R
Description  Isolated 1W Single Output SM DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTE0305MC-R Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NTE0305MC-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTE Series
Isolated 1W Single Output SM DC/DC Converters
KDC_NTE.K04 Page 3 of 6
www.murata-ps.com/support
TOLERANCE ENVELOPES
3.3V output types.
All other types.
100
75
50
25
10
-7%
+9%
Output Load Current (%)
+1%
-15%
-7%
+1%
Typical
Load Line
V
NOM
+10%
Output Load Current (%)
+5%
-7.5%
-2.5%
+2.5%
Typical Load
Line
V
NOM
100
75
50
25
10
APPLICATION NOTES
Minimum load
The minimum load to meet datasheet specification is 10% of the full rated load across the specified input voltage range. Lower than 10% minimum loading will result in
an increase in output voltage, which may rise to typically double the specified output voltage if the output load falls to less than 5%.
Capacitive loading and start up
Typical start up times for this series, with a typical input voltage rise time of 2.2μs and output capacitance of 10μF, are shown in the table below. The product
series will start into a capacitance of 47μF with an increased start time, however, the maximum recommended output capacitance is 10μF.
Typical Start-Up Wave Form
Start-up time
Start-up time
μs
μs
NTE0303MC
437
NTE0506MC
7200
NTE0305MC
1359
NTE0509MC
3146
NTE0309MC
3435
NTE0512MC
4960
NTE0312MC
6590
NTE0515MC
7740
NTE0315MC
7625
NTE1205MC
895
NTE0503MC
533
NTE1209MC
2150
NTE0505MC
1368
NTE1212MC
3640
NTE0505MEC
721
NTE1215MC
7180
The voltage tolerance envelope shows typical load regulation characteristics for this product series. The tolerance envelope is the maximum output voltage variation due to
changes in output loading.
RoHS COMPLIANCE, MSL AND PSL INFORMATION
This series is compatible with RoHS soldering systems and is also backward compatible with Sn/Pb soldering systems.
The NTE series has a process, moisture, and reflow sensitivity classification of MSL1 PSL R7F as defined in J-STD-020
and J-STD-075. This translates to: MSL1 = unlimited floor life, PSL R7F = Peak reflow temperature 245°C with a
limitation on the time above liquidus (217°C) which for this series is 60sec max. The pin termination finish on this product
series is Gold with a plating thickness of 0.05 microns minimum.
For further information please visit www.murata-ps.com/rohs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com