Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE0305MC-R Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NTE0305MC-R
Description  Isolated 1W Single Output SM DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTE0305MC-R Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NTE0305MC-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NTE0305MC-R Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NTE Series
Isolated 1W Single Output SM DC/DC Converters
KDC_NTE.K04 Page 1 of 6
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code1
Nominal
Input
Voltage
Output
Voltage
Output
Current
Input
Current at
Rated Load
Efficiency
Isolation
Capacitance
MTTF2
V
V
mA
mA
%
pF
kHrs
NTE0303MC
3.3
3.3
303
410
73
30
5348
NTE0305MC
3.3
5
200
390
78
35
3847
NTE0309MC
3.3
9
111
400
77
31
3134
NTE0312MC
3.3
12
83
400
77
28
3473
NTE0315MC
3.3
15
66
400
77
29
2473
NTE0503MC
5
3.3
303
270
74
40
5515
NTE0505MC
5
5
200
294
68
35
6857
NTE0505MEC
5
5
200
260
77
40
3933
NTE0506MC
5
6
167
278
72
39
6677
NTE0509MC
5
9
111
267
75
43
5501
NTE0512MC
5
12
83
260
77
42
3957
NTE0515MC
5
15
66
256
78
44
2747
NTE1205MC
12
5
200
124
67
47
4683
NTE1209MC
12
9
111
114
73
77
4008
NTE1212MC
12
12
83
113
74
88
3121
NTE1215MC
12
15
66
111
75
95
2316
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 3.3V input types
2.97
3.3
3.63
V
Continuous operation, 5V input types
4.5
5.0
5.5
Continuous operation, 12V input types
10.8
12.0
13.2
Reflected ripple current
30
47
mA p-p
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All output types
110
kHz
ABSOLUTE MAXIMUM RATINGS
Internal power dissipation
600mW
Input voltage VIN, NTE03 types
5.5V
Input voltage VIN, NTE05 types
7V
Input voltage VIN, NTE12 types
15V
1. If components are required in tape and reel format suffix order code with -R, e.g. NTE0505MC-R.
2. Calculated using MIL-HDBK-217 FN2 calculation model with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
PRODUCT OVERVIEW
The NTE series of miniature surface mounted
DC/DC Converters employ leadframe technol-
ogy and transfer moulding techniques to bring
all of the benefits of IC style packaging to hybrid
circuitry. The co-planarity of the pin positions is
based upon IEC 191-6:1990. The devices are
suitable for all applications where high volume
production is envisaged.
FEATURES
RoHS compliant
Lead frame technology
Single isolated output
1kVDC Isolation
Efficiency up to 78%
Power density 1.8W/cm3
Wide temperature performance at full
1 Watt load, –40°C to 85°C
UL 94V-0 Package material
Footprint over pins 1.37cm2
3.3V, 5V & 12V Input
3.3V, 5V, 9V, 12V & 15V output
No heatsink required
Internal SMD construction
Toroidal magnetics
MTTF up to 6.8 million hours
Custom solutions available
Multi-layer ceramic capacitors


Similar Part No. - NTE0305MC-R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE0305MC MURATA-NTE0305MC Datasheet
224Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
NTE0305MC MURATA-NTE0305MC Datasheet
221Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
NTE0305MC MURATA-PS-NTE0305MC Datasheet
237Kb / 8P
Isolated 1W Single Output SM DC-DC Converters
2023
More results

Similar Description - NTE0305MC-R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
Isolated 1W Dual Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1 MURATA-PS-MTU1 Datasheet
159Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1S0305MC MURATA-PS-MTU1S0305MC Datasheet
261Kb / 7P
Isolated 1W Single & Dual Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NTE MURATA-NTE Datasheet
224Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
MTE1S0303MC MURATA-MTE1S0303MC Datasheet
200Kb / 7P
Isolated 1W Single Output SM DC/DC Converters
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
Isolated 1W Single Output SM DC/DC Converters
NXJ1 MURATA-NXJ1 Datasheet
343Kb / 10P
Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
NXE1 MURATA-PS-NXE1 Datasheet
1Mb / 8P
Isolated 1W Single Output SM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com