Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3944
Description  RGB/White/Blue 8-LED Fun Light Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3944 Datasheet(HTML) 3 Page - Texas Instruments

  LP3944 Datasheet HTML 1Page - Texas Instruments LP3944 Datasheet HTML 2Page - Texas Instruments LP3944 Datasheet HTML 3Page - Texas Instruments LP3944 Datasheet HTML 4Page - Texas Instruments LP3944 Datasheet HTML 5Page - Texas Instruments LP3944 Datasheet HTML 6Page - Texas Instruments LP3944 Datasheet HTML 7Page - Texas Instruments LP3944 Datasheet HTML 8Page - Texas Instruments LP3944 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Prescalar
1
Register
Prescalar
0
Register
PWM 1
Register
PWM 0
Register
Oscillator
Power-On Reset
VDD
RST
0
1
LED0
0
1
LED7
Bit 7 of Select Register LS1
Bit 6 of Select Register LS1
Bit 7 of Input Register1
PWM0 Register
PWM1 Register
Programming Example (See end of datasheet
for complete example)
COPIES
Bit0
of
Select
Register
LS0
Bit1
LED Select Register
Input Register
Bit0 of Input Reg 1
I
2
C
Filters
I
2
C Bus
Control
A2 A1 A0
SCL
SDA
LP3944
www.ti.com
SNVS264 – MAY 2004
Architectural Block Diagram
Figure 2. For Explanation of LP3944 Operation,
Please Refer to Theory of Operation in Application Notes.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com