Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3944
Description  RGB/White/Blue 8-LED Fun Light Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3944 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3944 Datasheet HTML 4Page - Texas Instruments LP3944 Datasheet HTML 5Page - Texas Instruments LP3944 Datasheet HTML 6Page - Texas Instruments LP3944 Datasheet HTML 7Page - Texas Instruments LP3944 Datasheet HTML 8Page - Texas Instruments LP3944 Datasheet HTML 9Page - Texas Instruments LP3944 Datasheet HTML 10Page - Texas Instruments LP3944 Datasheet HTML 11Page - Texas Instruments LP3944 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ack
w
ack
rs
r
ack
ack stop
start
msb Chip Address lsb
msb Register Add lsb
msb Chip Address lsb
msb
DATA
lsb
ack from slave
SC
L
SD
A
ack from slave
ack from slave
ack from master
data from slave
repeated start
star
t
w
ac
k
addr =
h'00
ac
k
r
s
r
ac
k
address h'00
data
ac
k
sto
p
id = h'xx
id = h'xx
ack
w
ack
ack
stop
start
msb Chip Address lsb
msb Register Add lsb
msb
DATA
lsb
ack from slave
SCL
SDA
start
w ack
id = h'xx
addr = h'02
ack
address h'02
data
ack stop
ack from slave
ack from slave
LP3944
SNVS264 – MAY 2004
www.ti.com
After the START condition, a chip address is sent by the I2C master. This address is seven bits long followed by
an eighth bit which is a data direction bit (R/W). The LP3944 hardwires bits 7 to 4 and leaves bits 3 to 1
selectable, as shown in Figure 6. For the eighth bit, a “0” indicates a WRITE and a “1” indicates a READ. The
LP3944 supports only a WRITE during chip addressing. The second byte selects the register to which the data
will be written. The third byte contains data to write to the selected register.
Figure 6. Chip Address Byte
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
xx = 60 to 67
Figure 7. LP3944 Register Write
However, if a READ function is to be accomplished, a WRITE function must precede the READ function, as
shown in Figure 8.
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
xx = 60 to 67
Figure 8. LP3944 Register Read
Auto Increment
Auto increment is a special feature supported by the LP3944 to eliminate repeated chip and register addressing
when data are to be written to or read from registers in sequential order. The auto increment bit is inside the
register address byte, as shown in Figure 9. Auto increment is enabled when this bit is programmed to “1” and
disabled when it is programmed to “0”.
8
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LP3944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com