Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3944
Description  RGB/White/Blue 8-LED Fun Light Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3944 Datasheet(HTML) 1 Page - Texas Instruments

  LP3944 Datasheet HTML 1Page - Texas Instruments LP3944 Datasheet HTML 2Page - Texas Instruments LP3944 Datasheet HTML 3Page - Texas Instruments LP3944 Datasheet HTML 4Page - Texas Instruments LP3944 Datasheet HTML 5Page - Texas Instruments LP3944 Datasheet HTML 6Page - Texas Instruments LP3944 Datasheet HTML 7Page - Texas Instruments LP3944 Datasheet HTML 8Page - Texas Instruments LP3944 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Blue LEDs
+5V
+5V
R
G
B
LED0
LED2
LED1
LED3
LED4
LED5
LED6
LED7
RESET
SCL
SDA
VDD
5V
SDA
SCL
PORTx.D
Cell Phone Baseband
Controller/PController
A2
A1
A0
GND
SMBUS
/I
2
C
LP3944
www.ti.com
SNVS264 – MAY 2004
LP3944 RGB/White/Blue 8-LED Fun Light Driver
Check for Samples: LP3944
1
FEATURES
DESCRIPTION
LP3944
is
an
integrated
device
capable
of
2
•
Internal Power-on Reset
independently driving 8 LEDs. This device also
•
Active Low Reset
contains an internal precision oscillator that provides
•
Internal Precision Oscillator
all the necessary timing required for driving each
LED. Two prescaler registers along with two PWM
•
Variable Dim Rates (from 6.25 ms to 1.6s; 160
registers provide a versatile duty cycle control. The
Hz–0.625 Hz)
LP3944
contains
the
ability
to
dim
LEDs
in
SMBUS/I2C applications where it is required to cut
APPLICATIONS
down on bus traffic.
•
Customized Flashing LED Lights for Cellular
Traditionally, to dim LEDs using a serial shift register
Phones
such as 74LS594/5 would require a large amount of
•
Portable Applications
traffic to be on the serial bus. LP3944 instead
requires only the setup of the frequency and duty
•
Digital Cameras
cycle for each output pin. From then on, only a single
•
Indicator Lamps
command from the host is required to turn each
•
General Purpose I/O Expander
individual open drain output ON, OFF, or to cycle a
programmed frequency and duty cycle. Maximum
•
Toys
output sink current is 25 mA per pin and 200 mA per
package. Any ports not used for controlling the LEDs
KEY SPECIFICATIONS
can
be
used
for
general
purpose
input/output
•
8 LED Driver (Multiple Programmable
expansion.
States—On, Off, Input, and Dimming at a
Specified Rate)
•
8 Open Drain Outputs Capable of Driving up to
25 mA per LED
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3944

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
logo
Texas Instruments
LP3944 TI2-LP3944 Datasheet
730Kb / 20P
LP3944 RGB/White/Blue 8-LED Fun Light Driver
REVISED APRIL 2013
logo
National Semiconductor ...
LP3944ISQ NSC-LP3944ISQ Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
logo
Texas Instruments
LP3944ISQ/NOPB TI2-LP3944ISQ/NOPB Datasheet
730Kb / 20P
LP3944 RGB/White/Blue 8-LED Fun Light Driver
REVISED APRIL 2013
LP3944ISQ/NOPB.A TI2-LP3944ISQ/NOPB.A Datasheet
730Kb / 20P
LP3944 RGB/White/Blue 8-LED Fun Light Driver
REVISED APRIL 2013
More results

Similar Description - LP3944

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3943 NSC-LP3943 Datasheet
264Kb / 13P
RGB/White/Blue 16-LED Fun Light Driver
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
DC/DC WHITE LIGHT LED DRIVER
logo
LIGITEK electronics co....
LGXRGB-501H LIGITEK-LGXRGB-501H Datasheet
168Kb / 10P
RGB Power Light LED
logo
Integrated Silicon Solu...
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
3-CHANNEL FUN LED DRIVER
logo
Texas Instruments
LP3943 TI1-LP3943 Datasheet
979Kb / 21P
RGB/White/Blue 16-LED Fun Light Driver
LP3943 TI1-LP3943_15 Datasheet
983Kb / 25P
RGB, White, Blue 16-LED Fun Light Driver
logo
Integrated Silicon Solu...
IS31FL3191 ISSI-IS31FL3191 Datasheet
315Kb / 12P
1-CHANNEL FUN LED DRIVER
IS31FL3191-UTLS2-TR ISSI-IS31FL3191-UTLS2-TR Datasheet
319Kb / 15P
1-CHANNEL FUN LED DRIVER
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
3-CHANNEL FUN LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com