Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3944 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3944
Description  RGB/White/Blue 8-LED Fun Light Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3944 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3944 Datasheet HTML 7Page - Texas Instruments LP3944 Datasheet HTML 8Page - Texas Instruments LP3944 Datasheet HTML 9Page - Texas Instruments LP3944 Datasheet HTML 10Page - Texas Instruments LP3944 Datasheet HTML 11Page - Texas Instruments LP3944 Datasheet HTML 12Page - Texas Instruments LP3944 Datasheet HTML 13Page - Texas Instruments LP3944 Datasheet HTML 14Page - Texas Instruments LP3944 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
VDD
LED 7
LED 0
LP3944
LM2750-5.0
VIN
VOUT
CAP+
CAP-
CFLY
1 PF
2.2 PF
2.7V to 5.5V
2.2 PF
LP3944
www.ti.com
SNVS264 – MAY 2004
Table 9. LED States With Respect To Values in "B1" and "B0" (continued)
B1
B0
Function
1
0
Output dims
(DIM0 rate)
1
1
Output dims
(DIM1 rate)
Programming Example:
Dim LEDs 0 to 7 at 1 Hz at 25% duty cycle
1. Set PSC0 to achieve DIM0 of 1s
2. Set PWM0 duty cycle to 25%
3. Set PSC1 to achieve DIM1 of 0.2s
4. Set LEDs 0 to 7 to point to DIM0
Step
Description
Register Name
Set to (Hex)
1
Set DIM0 = 1s
PSC0
0x09F
1 = (PSC0 + 1)/160
PSC0 = 159
2
Set duty cycle to 25%
PWM0
0x40
Duty Cycle = PWM0/256
PWM0 = 64
3
Set DIM1 = 0.2s
PSC1
0x1F
0.2 = (PSC1 + 1)/160
PSC1 = 31
4
LEDs 0 to 7
LS0, LS1
LS0 = 0xAA
Output = DIM0
LS1 = 0xAA
Reducing IQ When LEDS are Off
In many applications, the LEDs and the LP3944 share the same VDD, as shown in Typical Application Circuit.
When the LEDs are off, the LED pins are at a lower potential than VDD, causing extra supply current (ΔIQ). To
minimize this current, consider keeping the LED pins at a voltage equal to or greater than VDD.
Figure 12. Methods to Reduce IQ When LEDs Are Off
Figure 13. Application Circuit
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com