Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3501
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3501 Datasheet(HTML) 2 Page - Texas Instruments

  LM3501 Datasheet HTML 1Page - Texas Instruments LM3501 Datasheet HTML 2Page - Texas Instruments LM3501 Datasheet HTML 3Page - Texas Instruments LM3501 Datasheet HTML 4Page - Texas Instruments LM3501 Datasheet HTML 5Page - Texas Instruments LM3501 Datasheet HTML 6Page - Texas Instruments LM3501 Datasheet HTML 7Page - Texas Instruments LM3501 Datasheet HTML 8Page - Texas Instruments LM3501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
A1
B1
C1
C2
C3
B3
A3
A2
GND
FB
VSW
VIN
SHDN
L
22 PH
LM3501-16
VOUT
AGND
A1
CNTRL
C3
B1
C1
C2
B3
A2
A3
<0.3V
>1.1V
VIN
2.7V - 5.5V
Voltage
Control
R2
24:
COUT
1PF
Ceramic
CIN
1PF
Ceramic
LM3501
SNVS230B – MAY 2004 – REVISED MAY 2005
www.ti.com
Typical Application Circuit
Figure 1. Typical 3 LED Application
Connection Diagram
Figure 2. 8-bump micro SMD
Top View
Pin Description/Functions
Pin
Name
Function
A1
AGND
Analog ground.
B1
VIN
Analog and Power supply input.
C1
VOUT
PMOS source connection for synchronous rectification.
C2
VSW
Switch pin. Drain connections of both NMOS and PMOS power devices.
C3
GND
Power Ground.
B3
FB
Output voltage feedback connection.
A3
CNTRL
Analog LED current control.
A2
SHDN
Shutdown control pin.
2
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com