Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3501
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3501 Datasheet(HTML) 3 Page - Texas Instruments

  LM3501 Datasheet HTML 1Page - Texas Instruments LM3501 Datasheet HTML 2Page - Texas Instruments LM3501 Datasheet HTML 3Page - Texas Instruments LM3501 Datasheet HTML 4Page - Texas Instruments LM3501 Datasheet HTML 5Page - Texas Instruments LM3501 Datasheet HTML 6Page - Texas Instruments LM3501 Datasheet HTML 7Page - Texas Instruments LM3501 Datasheet HTML 8Page - Texas Instruments LM3501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM3501
www.ti.com
SNVS230B – MAY 2004 – REVISED MAY 2005
AGND (pin A1): Analog ground pin. The analog ground pin should tie directly to the GND pin.
VIN (pin B1):Analog and Power supply pin. Bypass this pin with a capacitor, as close to the device as possible,
connected between the VIN and GND pins.
VOUT (pin C1):Source connection of internal PMOS power device. Connect the output capacitor between the
VOUT and GND pins as close as possible to the device.
VSW (pin C2):Drain connection of internal NMOS and PMOS switch devices. Keep the inductor connection close
to this pin to minimize EMI radiation.
GND (pin C3):Power ground pin. Tie directly to ground plane.
FB (pin B3):Output voltage feedback connection. Set the primary White LED network current with a resistor from
the FB pin to GND. Keep the current setting resistor close to the device and connected between the FB and
GND pins.
CNTRL (pin A3): Analog control of LED current. A voltage above 125 mV will begin to regulate the LED current.
Decreasing the voltage below 75 mV will turn off the LEDs.
SHDN (pin A2):Shutdown control pin. Disable the device with a voltage less than 0.3V and enable the device
with a voltage greater than 1.1V. The white LED current can be controlled using a PWM signal at this pin. There
is an internal pull down on the SHDN pin, the device is in a normally off state.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN
−0.3V to 7.5V
VOUT (LM3501-16)
(2)
−0.3V to 16V
VOUT (LM3501-21)
(2)
−0.3V to 21V
VSW
(2)
−0.3V to VOUT+0.3V
FB Voltage
−0.3V to 7.5V
SHDN Voltage
−0.3V to VIN+0.3V
CNTRL
−0.3V to 7.5V
Maximum Junction Temperature
150°C
Lead Temperature
(Soldering 10 sec.)
300°C
Vapor Phase
(60 sec.)
215°C
Infrared
(15 sec.)
220°C
ESD Ratings (3)
Human Body Model
2kV
Machine Model
200V
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test
conditions, see the Electrical Characteristics.
(2)
This condition applies if VIN < VOUT. If VIN > VOUT, a voltage greater than VIN + 0.3V should not be applied to the VOUT or VSW pins.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Operating Conditions
Junction Temperature
(1)
−40°C to +125°C
Supply Voltage
2.7V to 7V
(1)
The maximum allowable power dissipation is a function of the maximum operating junction temperature, TJ(MAX), the junction-to-ambient
thermal resistance,
θJA, and the ambient temperature, TA. See the Thermal Properties section for the thermal resistance. The maximum
allowable power dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding the maximum
allowable power dissipation will cause excessive die temperature.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com