Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3501
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3501 Datasheet(HTML) 1 Page - Texas Instruments

  LM3501 Datasheet HTML 1Page - Texas Instruments LM3501 Datasheet HTML 2Page - Texas Instruments LM3501 Datasheet HTML 3Page - Texas Instruments LM3501 Datasheet HTML 4Page - Texas Instruments LM3501 Datasheet HTML 5Page - Texas Instruments LM3501 Datasheet HTML 6Page - Texas Instruments LM3501 Datasheet HTML 7Page - Texas Instruments LM3501 Datasheet HTML 8Page - Texas Instruments LM3501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM3501
www.ti.com
SNVS230B – MAY 2004 – REVISED MAY 2005
LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
Check for Samples: LM3501
1
FEATURES
(LM3501-21) ceramic capacitor at the input and
output
2
•
Synchronous rectification, high efficiency and
•
Thermal Shutdown
no external schottky diode required
•
0.1µA shutdown current
•
Uses small surface mount components
•
Small 8-bump thin micro SMD package
•
Can drive 2-5 white LEDs in series (may
function with more low VF LEDs)
APPLICATIONS
•
2.7V to 7V input range
•
LCD Bias Supplies
•
True shutdown isolation, no LED leakage
current
•
White LED Back-Lighting
•
DC voltage LED current control
•
Handheld Devices
•
Input undervoltage lockout
•
Digital Cameras
•
Internal output over-voltage protection (OVP)
•
Portable Applications
circuitry, with no external zener diode required
LM3501-16: 15.5V OVP; LM3501-21: 20.5V OVP.
•
Requires only a small 16V (LM3501-16) or 25V
DESCRIPTION
The LM3501 is a fixed-frequency step-up DC/DC converter that is ideal for driving white LEDs for display
backlighting and other lighting functions. With fully intergrated synchronous switching (no external schottky diode
required) and a low feedback voltage (515 mV), power efficiency of the LM3501 circuit has been optimized for
lighting applications in wireless phones and other portable products (single cell Li-Ion or 3-cell NiMH battery
supplies). The LM3501 operates with a fixed 1 MHz switching frequency. When used with ceramic input and
output capacitors, the LM3501 provides a small, low-noise, low-cost solution.
Two LM3501 options are available with different output voltage capabilities. The LM3501-21 has a maximum
output voltage of 21V and is typically suited for driving 4 or 5 white LEDs in series. The LM3501-16 has a
maximum output voltage of 16V and is typically suited for driving 3 or 4 white LEDs in series (maximum number
of series LEDs dependent on LED forward voltage). If the primary white LED network should be disconnected,
the LM3501 uses internal protection circuitry on the output to prevent a destructive overvoltage event.
A single external resistor is used to set the maximum LED current in LED-drive applications. The LED current
can easily be adjusted by varying the analog control voltage on the control pin or by using a pulse width
modulated (PWM) signal on the shutdown pin. In shutdown, the LM3501 completely disconnects the input from
output, creating total isolation and preventing any leakage currents from trickling into the LEDs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI2-LM3501 Datasheet
954Kb / 26P
LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
REVISED MAY 2013
logo
National Semiconductor ...
LM3501TL-16 NSC-LM3501TL-16 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3501TL-16/NOPB TI1-LM3501TL-16/NOPB Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
More results

Similar Description - LM3501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
DC-DC Step-Up Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
Step Up Type DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
DC-DC Step-Up Converter for White LED
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com