Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3501
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3501 Datasheet(HTML) 4 Page - Texas Instruments

  LM3501 Datasheet HTML 1Page - Texas Instruments LM3501 Datasheet HTML 2Page - Texas Instruments LM3501 Datasheet HTML 3Page - Texas Instruments LM3501 Datasheet HTML 4Page - Texas Instruments LM3501 Datasheet HTML 5Page - Texas Instruments LM3501 Datasheet HTML 6Page - Texas Instruments LM3501 Datasheet HTML 7Page - Texas Instruments LM3501 Datasheet HTML 8Page - Texas Instruments LM3501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM3501
SNVS230B – MAY 2004 – REVISED MAY 2005
www.ti.com
Operating Conditions (continued)
CNTRL Max.
2.7V
Thermal Properties
Junction to Ambient Thermal Resistance (
θJA)
(1)
75°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is highly application and board-layout dependent. The 75ºC/W figure provided was
measured on a 4-layer test board conforming to JEDEC standards. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues when designing the board layout.
4
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com