Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 3 Page - Texas Instruments

  LP38513 Datasheet HTML 1Page - Texas Instruments LP38513 Datasheet HTML 2Page - Texas Instruments LP38513 Datasheet HTML 3Page - Texas Instruments LP38513 Datasheet HTML 4Page - Texas Instruments LP38513 Datasheet HTML 5Page - Texas Instruments LP38513 Datasheet HTML 6Page - Texas Instruments LP38513 Datasheet HTML 7Page - Texas Instruments LP38513 Datasheet HTML 8Page - Texas Instruments LP38513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LP38513
www.ti.com
SNVS361C – JULY 2007 – REVISED MARCH 2009
Operating Ratings
(1)
Input Supply Voltage, VIN
2.25V to 5.5V
Enable Input Voltage, VEN
0.0V to 5.5V
ERROR Pin Voltage
0.0V to VIN
Output Current (DC)
0 mA to 3A
Junction Temperature(2)
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
Device operation must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD), maximum
allowable operating junction temperature (TJ(MAX)), and package thermal resistance (θJA).
Electrical Characteristics
Unless otherwise specified: VIN = 2.5V, IOUT = 10 mA, CIN = 10 µF, COUT = 10 µF, VEN = 2.0V. Limits in standard type are for
TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and
Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
2.25V
≤ VIN ≤ 5.5V
-1.6
+1.6
0
10 mA
≤ IOUT ≤ 3A
−4.1
+2.6
VOUT
Output Voltage Tolerance(1)
%
2.25V
≤ VIN ≤ 5.5V
10 mA
≤ IOUT ≤ 3A
-2.6
0
+2.6
0°C
≤ TJ ≤ 125°C
Output Voltage Line
0.03
ΔVOUT/ΔVIN
2.25V
≤ VIN ≤ 5.5V
-
-
%/V
Regulation(2)(1)
0.06
Output Voltage Load
0.10
ΔVOUT/ΔIOUT
10 mA
≤ IOUT ≤ 3A
-
-
%/A
Regulation(3)(1)
0.20
VDO
Dropout Voltage(4)
IOUT = 3A
-
-
425.
mV
IOUT = 10 mA
12
-
10
15
ERROR pin = GND
Ground Pin Current, Output
mA
Enabled
IOUT = 3A
15
IGND
-
12
20
ERROR pin = GND
VEN = 0.50V
Ground Pin Current, Output
100
-
60
µA
Disabled
110
ERROR pin = GND
ISC
Short Circuit Current
VOUT = 0V
-
5.6
-
A
Enable Input
VEN rising from 0.0V until the output
0.74
0.92
VEN(TH)
Enable On/Off Threshold
turns On, or VEN falling from ≥ 2.0V
0.85
V
0.56
1.00
until the output turns Off
Time from VEN < VEN(TH) to VOUT =
td(OFF)
Turn-off delay
-
5
-
OFF, ILOAD = 3A
µs
Time from VEN >VEN(TH) to VOUT =
td(ON)
Turn-on delay
-
5
-
ON, ILOAD = 3A
VEN = VIN
-
1
-
IEN
Enable Pin Current
nA
VEN = 0V
-
-1
-
(1)
The line and load regulation specification contains only the typical number. However, the limits for line and load regulation are included
in the output voltage tolerance specification.
(2)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the voltage at the
input.
(3)
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in the load current at the
output.
(4)
Dropout voltage (VDO) is typically defined as the input to output voltage differential (VIN - VOUT) where the input voltage is low enough to
cause the output voltage to drop 2% from the nominal value. For the LP38513, the minimum operating voltage of 2.25V is the limiting
factor and the maximum dropout voltage is defined as: VDO(MAX) = VIN(MIN) - VOUT(MIN) = (i.e. 2.25V - (1.80V x 95.9%) = 524 mV)
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com