Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38513 Datasheet HTML 7Page - Texas Instruments LP38513 Datasheet HTML 8Page - Texas Instruments LP38513 Datasheet HTML 9Page - Texas Instruments LP38513 Datasheet HTML 10Page - Texas Instruments LP38513 Datasheet HTML 11Page - Texas Instruments LP38513 Datasheet HTML 12Page - Texas Instruments LP38513 Datasheet HTML 13Page - Texas Instruments LP38513 Datasheet HTML 14Page - Texas Instruments LP38513 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Load
Transient
Line
Transient
VIN
VOUT
NOM
~89%
~85%
VERROR
Power
-Up
Power-
Down
~2.25V
~1.25V
~1.25V
~2.50V
~2.50V
Load
Transient
Line
Transient
VIN
VOUT
NOM
~89%
~85%
VERROR
Power-
Up
Power-
Down
~2.25V
~1.25V
~2.50V
LP38513
www.ti.com
SNVS361C – JULY 2007 – REVISED MARCH 2009
The internal ERROR flag comparator has an open drain output stage. Hence, the ERROR pin requires an
external pull-up resistor. The value of the pull-up resistor should be in the range of 2 k
Ω to 20 kΩ, and should be
connected to the LP38513 output voltage pin. The ERROR Flag pin should not be pulled-up to any voltage
source higher than VIN as current flow through an internal parasitic diode may cause unexpected behavior. When
the input voltage is less than typically 1.25V the status of the ERROR flag output will not be reliable. The
ERROR Flag pin must be connected to ground if this function is not used.
The timing diagram in Figure 23 shows the relationship between the ERROR flag and the output voltage when
the pull-up resistor is connected to the output voltage pin.
The timing diagram in Figure 24 shows the relationship between the ERROR flag and the output voltage when
the pull-up resistor is connected to the input voltage.
Figure 23. ERROR Flag Operation, see Typical Application Circuit
Figure 24. ERROR Flag Operation, biased from VIN
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com