Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP38513 Datasheet HTML 8Page - Texas Instruments LP38513 Datasheet HTML 9Page - Texas Instruments LP38513 Datasheet HTML 10Page - Texas Instruments LP38513 Datasheet HTML 11Page - Texas Instruments LP38513 Datasheet HTML 12Page - Texas Instruments LP38513 Datasheet HTML 13Page - Texas Instruments LP38513 Datasheet HTML 14Page - Texas Instruments LP38513 Datasheet HTML 15Page - Texas Instruments LP38513 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LP38513
SNVS361C – JULY 2007 – REVISED MARCH 2009
www.ti.com
POWER DISSIPATION/HEAT-SINKING
A heat-sink may be required depending on the maximum power dissipation (PD(MAX)), maximum ambient
temperature (TA(MAX))of the application, and the thermal resistance (θJA) of the package. Under all possible
conditions, the junction temperature (TJ) must be within the range specified in the Operating Ratings. The total
power dissipation of the device is given by:
PD = ( (VIN−VOUT) x IOUT) + ((VIN) x IGND)
where
•
IGND is the operating ground current of the device (specified under Electrical Characteristics).
(1)
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum expected ambient
temperature (TA(MAX)) of the application, and the maximum allowable junction temperature (TJ(MAX)):
ΔTJ = TJ(MAX)− TA(MAX)
(2)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
θJA = ΔTJ / PD(MAX)
(3)
LP38513 is available in TO-220 and DDPAk/TO-263 packages. The thermal resistance depends on amount of
copper area or heat sink, and on air flow. If the maximum allowable value of
θJA calculated above is ≥ 60 °C/W
for TO-220 package and
≥ 60 °C/W for DDPAK/TO-263 package no heat-sink is needed since the package can
dissipate enough heat to satisfy these requirements. If the value for allowable
θJA falls below these limits, a heat
sink is required.
HEAT-SINKING THE TO-220 PACKAGE
The thermal resistance of a TO-220 package can be reduced by attaching it to a heat-sink or a copper plane on
a PC board. If a copper plane is to be used, the values of
θJA will be the same as shown in the next section for
the DDPAK/TO-263 package.
The heatsink to be used in the application should have a heat-sink to ambient thermal resistance,
θHA ≤ θJA − θCH − θJC
(4)
In this equation,
θCH is the thermal resistance from the case to the surface of the heat sink and θJC is the thermal
resistance from the junction to the surface of the case. The rated
θJC is about 3°C/W for a 5-lead TO-22
package. The value for
θCH depends on method of attachment, insulator, etc. θCH varies between 1.5°C/W to
2.5°C/W. If the exact value is unknown, 2°C/W can be assumed.
HEAT-SINKING THE DDPAK/TO-263 PACKAGE
The DDPAK/TO-263 package uses the copper plane on the PCB as a heat-sink. The tab of this package is
soldered to the copper plane for heat sinking. Figure 25 shows a curve for the
θJA of DDPAK/TO-263 package for
different copper area sizes, using a typical PCB with 1 ounce copper and no solder mask over the copper area
for heat sinking.
Figure 25.
θJA vs Copper (1 Ounce) Area for the DDPAK/TO-263 package
12
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com