Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 4 Page - Texas Instruments

  LP38513 Datasheet HTML 1Page - Texas Instruments LP38513 Datasheet HTML 2Page - Texas Instruments LP38513 Datasheet HTML 3Page - Texas Instruments LP38513 Datasheet HTML 4Page - Texas Instruments LP38513 Datasheet HTML 5Page - Texas Instruments LP38513 Datasheet HTML 6Page - Texas Instruments LP38513 Datasheet HTML 7Page - Texas Instruments LP38513 Datasheet HTML 8Page - Texas Instruments LP38513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LP38513
SNVS361C – JULY 2007 – REVISED MARCH 2009
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: VIN = 2.5V, IOUT = 10 mA, CIN = 10 µF, COUT = 10 µF, VEN = 2.0V. Limits in standard type are for
TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and
Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ERROR Flag
VOUT falling from VOUT(NOM) until
VTH
ERROR Flag Threshold(5)
77
85
94
ERROR Flag goes low
%
ERROR Flag Threshold
VOUT rising from VTH until ERROR
ΔVTH
2.2
4
5.8
Hysteresis(5)
Flag goes high
VERROR(SAT)
ERROR Flag Saturation Voltage ISINK = 1 mA
-
20
100
mV
ERROR Flag Pin Leakage
Ilk
VERROR = 5.5V
-
100
-
nA
Current
td
ERROR Flag Delay time
-
1
-
µs
AC Parameters
VIN = 2.5V
-
73
-
f = 120Hz
PSRR
Ripple Rejection
dB
VIN = 2.5V
-
70
-
f = 1 kHz
ρn(l/f)
Output Noise Density
f = 120Hz
-
0.8
-
µV/
√Hz
BW = 100Hz – 100kHz
en
Output Noise Voltage
-
45
-
µVRMS
VOUT = 1.8V
Thermal Characteristics
TSD
Thermal Shutdown
TJ rising
-
165
-
°C
ΔTSD
Thermal Shutdown Hysteresis
TJ falling from TSD
-
10
-
TO-220(6)
-
60
-
Thermal Resistance
θJ-A
°C/W
Junction to Ambient
DDPAK/TO-263(6)
-
60
-
TO-220
-
3
-
Thermal Resistance
θJ-C
°C/W
Junction to Case
DDPAK/TO-263
-
3
-
(5)
The ERROR Flag thresholds are specified as percentage of the nominal regulated output voltage. See Application Information.
(6)
Device operation must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD), maximum
allowable operating junction temperature (TJ(MAX)), and package thermal resistance (θJA).
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com