Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBP01-0803SC5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LBP01-0803SC5
Description  LED bypass protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LBP01-0803SC5 Datasheet(HTML) 6 Page - STMicroelectronics

  LBP01-0803SC5 Datasheet HTML 1Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 2Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 3Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 4Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 5Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 6Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 7Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Recommendations on PCB assembly
LBP01
6/8
Doc ID 022950 Rev 1
4
Recommendations on PCB assembly
4.1
PCB design
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.
Figure 9.
Printed circuit board layout
4.2
Reflow profile
Figure 10.
ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
60 sec
(90 max)
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-2 °C/s to
-3 °C/s
-6 °C/s max
240-245 °C
2 - 3 °C/s
0.9 °C/s
Temperature (°C)
Time (s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com