Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBP01-0803SC5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LBP01-0803SC5
Description  LED bypass protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LBP01-0803SC5 Datasheet(HTML) 4 Page - STMicroelectronics

  LBP01-0803SC5 Datasheet HTML 1Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 2Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 3Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 4Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 5Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 6Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 7Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Package information
LBP01
4/8
Doc ID 022950 Rev 1
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 3.
SMB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.030
0.059
Figure 5.
Footprint, dimensions in mm
(inches)
Figure 6.
Marking(1)
1.
Product marking may be rotated by 90° for assembly plant differentiation. In no case should this product
marking be used to orient the component for its placement on a PCB. Only pin 1 mark is to be used for this
purpose.
E
C
L
E1
D
A1
A2
b
2.60
5.84
1.62
2.18
1.62
(0.064) (0.102)
(0.23)
(0.064)
(0.086)
y w w
z
x x x
ECOPACK compliance
XXX: Marking
Z: Manufacturing location
Y: Year
WW: week



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com