Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBP01-0803SC5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LBP01-0803SC5
Description  LED bypass protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LBP01-0803SC5 Datasheet(HTML) 2 Page - STMicroelectronics

  LBP01-0803SC5 Datasheet HTML 1Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 2Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 3Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 4Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 5Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 6Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 7Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
LBP01
2/8
Doc ID 022950 Rev 1
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 contact discharge
30
kV
IPP
Repetitive peak pulse current (8/20µs)
24
A
IF
On-state DC current
SOT23-5L
0.35
A
SMB
1
A
Tj
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
-65 to 150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ. Max.
Unit
IRM
VRM = 3 V
100
nA
VBO
815
V
IH
SOT23-5L
200
mA
SMB
200
Von
Ion = 0.35 A
(1)
SOT23-5L
2
V
Ion = 0.35 A
SMB
1.3
V
Ion = 1 A
SMB
1.5
V
dV/dt
300
V/µs
Rth(j-a)
On recommended pad layout with copper area of 1 cm2
SOT23-5L
140
°C/W
SMB
100
°C/W
1.
Measured between pin 1, 3, 4, or 5 and pin 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com