Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBP01-0803SC5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LBP01-0803SC5
Description  LED bypass protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LBP01-0803SC5 Datasheet(HTML) 5 Page - STMicroelectronics

  LBP01-0803SC5 Datasheet HTML 1Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 2Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 3Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 4Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 5Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 6Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 7Page - STMicroelectronics LBP01-0803SC5 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LBP01
Package information
Doc ID 022950 Rev 1
5/8
Table 4.
SOT23-5L dimensions
Ref.
Dimensions
Millimeters
Inches
Min. Typ. Max.
Min.
Typ.
Max.
A
0.90
1.45
0.035
0.057
A1
0
0.10
0
0.004
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.020
c
0.09
0.20
0.004
0.008
D
2.80
3.05
0.11
0.118
E
1.50
1.75
0.059
0.069
e0.95
0.037
H
2.60
3.00
0.102
0.118
L
0.10
0.60
0.004
0.024
M
10°
10°
Figure 7.
Footprint, dimensions in mm
(inches)
Figure 8.
Marking
A2
A
L
H
c
b
E
D
e
e
A1
q
1.10
(0.043)
0.95
(0.037)
2.30
(0.091)
3.50
(0.138)
1.20
(0.047)
0.60
(0.024)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com