Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8803TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM8803TR
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM8803TR Datasheet HTML 15Page - STMicroelectronics PM8803TR Datasheet HTML 16Page - STMicroelectronics PM8803TR Datasheet HTML 17Page - STMicroelectronics PM8803TR Datasheet HTML 18Page - STMicroelectronics PM8803TR Datasheet HTML 19Page - STMicroelectronics PM8803TR Datasheet HTML 20Page - STMicroelectronics PM8803TR Datasheet HTML 21Page - STMicroelectronics PM8803TR Datasheet HTML 22Page - STMicroelectronics PM8803TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
PM8803
PD interface
Doc ID 018559 Rev 2
19/34
Figure 6.
PM8803: reference schematic of the PoE classification logic
The classification resistor can be disconnected for the following reasons:
–
the classification has been successfully completed
–
an auxiliary power source has been connected
–
the device is in thermal protection
Designers can set the current by changing the value of the external resistor according to the
following table.
4.3
Indication of successful 2-event classification
The PM8803 is capable of recognizing whether it is connected to a PSE performing 1-event
or 2-event physical layer classification by asserting the T2P signal.
T2P is an open-drain, active-low signal which is asserted in case a successful 2-event
classification event is completed.
T2P will be asserted as soon as the high-voltage startup regulator output is stable. ( see
Figure 7 and Figure 8 for timing sequences). If the PM8803 sees a 1-event classification or
no classification, T2P is pulled up and the main circuit in the PD can try to establish an
LLDP connection to negotiate the power. No LLDP response from the PSE means that the
PD is connected to a Type1 PSE, and only 13 W input power will be available.
Table 7.
Value of the external classification resistor for the different PD classes of
power
Class
PD max average power (W)
RCLS (Ω)
013
2k
13.84
150
26.49
80.6
313
51.1
425.5
35.6
VDD
VSS
+
-
1.4V
RCLASS
CLS
EN
Thermal_alarm
Class_enable
Aux_enabled
PM8803
AM045096v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com