Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8803TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM8803TR
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM8803TR Datasheet HTML 25Page - STMicroelectronics PM8803TR Datasheet HTML 26Page - STMicroelectronics PM8803TR Datasheet HTML 27Page - STMicroelectronics PM8803TR Datasheet HTML 28Page - STMicroelectronics PM8803TR Datasheet HTML 29Page - STMicroelectronics PM8803TR Datasheet HTML 30Page - STMicroelectronics PM8803TR Datasheet HTML 31Page - STMicroelectronics PM8803TR Datasheet HTML 32Page - STMicroelectronics PM8803TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
PM8803
Auxiliary sources
Doc ID 018559 Rev 2
29/34
6
Auxiliary sources
The majority of Powered Devices is designed to work with power from either a PoE network
or auxiliary sources. Even though having both sources simultaneously connected is not the
normal operating case, the presence of an auxiliary supply allows PDs to be used also when
the PoE is not available or not sufficient.
Different alternatives are available for connecting auxiliary sources to the PoE section of a
PD device. Auxiliary sources can be connected prior to the hot-swap MOSFET, after the hot-
swap MOSFET or even at the output of the DC/DC converter.
All the above-mentioned methods are available with the PM8803.
Both
Figure 1 and Figure 2 show simplified application schematics where auxiliary sources
can be connected either Prior (Front) or After (Rear) the internal hot-swap MOSFET (VDD
and RTN) making use of a resistor divider between the external source and respectively SP
or SA pins.
Connection of the wall adapter prior to the internal hot-swap MOSFET has a limitation on
the voltage of the adapter itself, since it is seen as an alternative of the PoE line and the
embedded DC/DC section would be activated only when its value is above the UVLO_R
threshold. If the voltage on the SP pin is above 1.1 V, the internal UVLO threshold is
bypassed and the PM8803 operates with voltage as low as 15 V typical. The current flowing
into the hot-swap MOSFET will be limited by a dual threshold: typically140 mA during the
inrush phase, and a user programmable value (DCCL pin) for the rest of the phases. Priority
of one source over another cannot be guaranteed by design, since it depends on timings of
insertion and the value of the PoE line with respect to the auxiliary. If, for example, the PoE
connection is already established, the auxiliary source cannot prevail unless its value is
higher than that of the PoE after the diode bridge.
Please note that with the use of a low-voltage adapter applied before the hot swap frontal
connection, the max power drawn could be evaluated as ( Vin - Vd ) x Imax; in case of a
15 V adapter the input power will be limited to about (15 - 0.5) x 1 A = 14.5 W, much lower
than the available power from the PoE connection.
High-power systems must use high-voltage power adapters, with voltage at 48 V, and rear
connections, not to be limited by the internal DC current limitation.
Both
Figure 1 and Figure 2 show simplified application schematics where auxiliary sources
are also connected after the internal hot-swap MOSFET (VDD and RTN). This connection,
together with the resistor divider on the SA pin, allows priority of the external source with
respect to the PoE. Indeed, if the voltage of this pin is above the value of 1.20 V, the PM8803
will disable its PD interface section and enable the DC/DC section only. The internal hot-
swap MOSFET will be opened.
Depending on the value of the auxiliary source, the resistor divider must be dimensioned in
order to have voltage on the SA and SP pins above their thresholds but still below their
maximum operative value of 3.3 V specified in
Table 3.
Figure 15 depicts a smooth transition between a PoE and a wall adapter whose voltage is
5 V higher than the PoE voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com