Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8803TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM8803TR
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM8803TR Datasheet HTML 26Page - STMicroelectronics PM8803TR Datasheet HTML 27Page - STMicroelectronics PM8803TR Datasheet HTML 28Page - STMicroelectronics PM8803TR Datasheet HTML 29Page - STMicroelectronics PM8803TR Datasheet HTML 30Page - STMicroelectronics PM8803TR Datasheet HTML 31Page - STMicroelectronics PM8803TR Datasheet HTML 32Page - STMicroelectronics PM8803TR Datasheet HTML 33Page - STMicroelectronics PM8803TR Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Auxiliary sources
PM8803
30/34
Doc ID 018559 Rev 2
Figure 15.
Smooth transition from POE to auxiliary source
Ch1: VSS-RTN, Ch2: SA, Ch3: Iinput, Ch4: 5Vout
The minimum operative voltage for auxiliary sources is 13 V, thus allowing the use of a 15 V
typ. +/-5% power adapter. The internal logic will enable operations of the PWM controller
only if the input voltage is over the signature threshold (10.8 V typ, 10.3 V -11.3 V range).
Note that inrush current in this case is not limited and an external solution must be found.
The simplest solution is to put a low value resistor in-series, but this lowers the converter’s
efficiency. A more efficient solution is the use of a MOSFET as the power switch, able to limit
the current during the charging phase, and to add only a few m
Ω in-series during normal
operation.
No DC current limit is foreseen for the rear connection, since the current will not be flowing
through the hot-swap MOSFET. Cycle-by-cycle, overcurrent protection and thermal
protection are instead always active, as well as when the voltage on the SA pin is above
1.20 V.
The T2P signal will remain high (de-asserted) if a rear auxiliary source is connected.
If the T2P signal was asserted when the auxiliary source was connected, it will be turned
off; its status is stored unless the input voltage drops. So if the PSE stays connected until
the auxiliary source is removed, the T2P indication turns on again when the wall adapter is
disconnected.
The removal of the external auxiliary source such as a wall adapter usually is followed by a
system reboot because the PSE needs some time to re-detect the PD.
If a rear auxiliary connection (using the SA pin) is foreseen in the converter design, it is
suggested to move the 0.1 µF capacitor required by the IEEE802.3at standard from the
input (VDD to VSS ) to the the internal hot-swap MOSFET (VSS to GND) . Alternatively, split
the 0.1 µF in two capacitors of 47 nF: one placed at the input terminal, the second one
across the hot-swap MOSFET.
AM045105v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com