Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8803TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM8803TR
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM8803TR Datasheet HTML 17Page - STMicroelectronics PM8803TR Datasheet HTML 18Page - STMicroelectronics PM8803TR Datasheet HTML 19Page - STMicroelectronics PM8803TR Datasheet HTML 20Page - STMicroelectronics PM8803TR Datasheet HTML 21Page - STMicroelectronics PM8803TR Datasheet HTML 22Page - STMicroelectronics PM8803TR Datasheet HTML 23Page - STMicroelectronics PM8803TR Datasheet HTML 24Page - STMicroelectronics PM8803TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
PM8803
PD interface
Doc ID 018559 Rev 2
21/34
4.4
Undervoltage lockout
After classification is completed, the PSE raises the voltage to provide the Power Devices
with the negotiated power. During the transition from low to operating voltage, the internal
UVLO is released and the hot-swap MOSFET is activated, initiating the inrush sequence.
The PM8803 implements the UVLO mechanism by setting 2 internal thresholds on the
voltage across the VDD-VSS pins; one is to activate the hot-swap (VUVLO_R), while the other
is to switch off the hot-swap MOSFET upon detection of a supply voltage drop (VUVLO_F)
from normal operating conditions.
No additional external components are required to comply with the IEEE requirements. The
thermal protection alarm overrides the gate driving of the MOS, immediately switching off
the MOS itself in case of device overheating. The hot-swap is bypassed also in auxiliary
source topology, supplying directly the PWM section of the PM8803 and bypassing the hot-
swap MOSFET.
4.5
Inrush and DC current limiting
Once the detection and classification phases have been successfully completed, the PSE
raises the voltage across the Ethernet cable. When the voltage difference between VIN and
VSS is greater than the VUVLO_R threshold, the internal hot-swap MOSFET is switched on
and the DC/DC input capacitance is charged in a controlled manner.
During the inrush phase, the current is limited to 140 mA.
When the RTN voltage falls below 1.5 V, an internal signal (PGOOD in
Figure 3) is asserted
to activate the DC/DC section.
Figure 9.
Line transient response
Ch1: RTN - VSS, Ch2: VDD - VSS, Ch3: Iinput, Ch4: 5Vout (with offset)
AM045099v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com