Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP3907 Datasheet HTML 30Page - Texas Instruments LP3907 Datasheet HTML 31Page - Texas Instruments LP3907 Datasheet HTML 32Page - Texas Instruments LP3907 Datasheet HTML 33Page - Texas Instruments LP3907 Datasheet HTML 34Page - Texas Instruments LP3907 Datasheet HTML 35Page - Texas Instruments LP3907 Datasheet HTML 36Page - Texas Instruments LP3907 Datasheet HTML 37Page - Texas Instruments LP3907 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
LP3907
SNVS511N – JUNE 2007 – REVISED AUGUST 2011
www.ti.com
BUCK AND LDO STATUS REGISTER (BKLDOSR) – 0X11
This register monitors whether the Bucks and LDOs meet the voltage output specifications.
D7
D6
D5
D4
D3
D2
D1
D0
Name
BKS_OK
LDOS_OK
LDO2_OK
LDO1_OK
—
BK2_OK
—
BK1_OK
Access
R
R
R
R
—
R
—
R
Data
0 – Buck 1-2
0 – LDO 1-2
0 – LDO2 Not
0 – LDO1 Not
Reserve
0 – Buck2 Not
Reserve
0 – Buck1 Not
Not Valid
Not Valid
Valid
Valid
d
Valid
d
Valid
1 – Bucks Valid
1 – LDOs Valid
1 – LDO2 Valid
1 – LDO1 Valid
1 – Buck2 Valid
1 – Buck1 Valid
Reset
0
0
0
0
0
0
0
0
BUCK VOLTAGE CHANGE CONTROL REGISTER 1 (VCCR) – 0X20
This register selects and controls the output target voltages for the buck regulators.
D7-6
D5
D4
D3-2
D1
D0
Name
—
B2VS
B2GO
—
B1VS
B1GO
Access
—
R/W
R/W
—
R/W
R/W
Data
Reserved
Buck2 Target Voltage
Buck2 Voltage Ramp
Reserved
Buck1 Target Voltage
Buck1 Voltage Ramp
Select
CTRL
Select
CTRL
0 – B2VT1
0 – Hold
0 – B1VT1
0 – Hold
1 – B2VT2
1 – Ramp to B2VS
1 – B1VT2
1 – Ramp to B1VS
selection
selection
Reset
00
0
0
00
0
0
BUCK1 TARGET VOLTAGE 1 REGISTER (B1TV1) – 0X23
This register allows the user to program the output target voltage of Buck1.
D7-5
D4-0
Name
—
BK1_VOUT1
Access
—
R/W
Data
Reserved
Buck1 Output Voltage (V)
5’h00
Ext Ctrl
5’h01
0.80
5’h02
0.85
5’h03
0.90
5’h04
0.95
5’h05
1.00
5’h06
1.05
5’h07
1.10
5’h08
1.15
5’h09
1.20
5’h0A
1.25
5’h0B
1.30
5’h0C
1.35
5’h0D
1.40
5’h0E
1.45
5’h0F
1.50
5’h10
1.55
5’h11
1.60
5’h12
1.65
5’h13
1.70
34
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LP3907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com