Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3907 Datasheet HTML 2Page - Texas Instruments LP3907 Datasheet HTML 3Page - Texas Instruments LP3907 Datasheet HTML 4Page - Texas Instruments LP3907 Datasheet HTML 5Page - Texas Instruments LP3907 Datasheet HTML 6Page - Texas Instruments LP3907 Datasheet HTML 7Page - Texas Instruments LP3907 Datasheet HTML 8Page - Texas Instruments LP3907 Datasheet HTML 9Page - Texas Instruments LP3907 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
LP3907
SNVS511N – JUNE 2007 – REVISED AUGUST 2011
www.ti.com
Table 2. Pin Descriptions (continued)
LLP Pin
micro SMD
Name
I/O
Type
Description
No.
pin no.
16
C2
SDA
I/O
D
I2C Data (bidirectional)
17
B2
SCL
I
D
I2C Clock
18
B1
GND_L
G
G
LDO ground
19
A1
VINLDO1
I
PWR
Power in from either DC source or battery to input terminal to
LDO1
20
A2
LDO1
O
PWR
LDO1 Output
21
B3
ENLDO1
I
D
LDO1 enable pin, a logic HIGH enables the LDO1
22
A3
ENLDO2
I
D
LDO2 enable pin, a logic HIGH enables the LDO2
23
A4
LDO2
O
PWR
LDO2 Output
24
A5
VINLDO2
I
PWR
Power in from either DC source or battery to input terminal to
LDO2.
DAP
DAP
GND
GND
Connection isn't necessary for electrical performance, but it is
recommended for better thermal dissipation.
Power Block Operation
Note
Power Block Input
Enabled
Disabled
VINLDO12
VIN+
VIN+
Always Powered
AVDD
VIN+
VIN+
Always Powered
VIN1
VIN+
VIN+ or 0V
VIN2
VIN+
VIN+ or 0V
LDO 1
≤ VIN+
≤ VIN+
If Enabled, Min Vin is 1.74V
LDO 2
≤ VIN+
≤ VIN+
If Enabled, Min Vin is 1.74V
VIN+ is the largest potential voltage on the device.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN, SDA, SCL
−0.3V to +6V
GND to GND SLUG
±0.3V
Power Dissipation (PD_MAX)
(TA=85°C, TMAX=125°C, )
(3)
1.43W
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature (Soldering)
260°C
ESD Ratings
Human Body Model
(4)
2kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP − (θJA × PD-MAX). See Applications section.
(4)
The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. (MILSTD - 883 3015.7)
6
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LP3907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com