Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 1 Page - Texas Instruments

  LP3907 Datasheet HTML 1Page - Texas Instruments LP3907 Datasheet HTML 2Page - Texas Instruments LP3907 Datasheet HTML 3Page - Texas Instruments LP3907 Datasheet HTML 4Page - Texas Instruments LP3907 Datasheet HTML 5Page - Texas Instruments LP3907 Datasheet HTML 6Page - Texas Instruments LP3907 Datasheet HTML 7Page - Texas Instruments LP3907 Datasheet HTML 8Page - Texas Instruments LP3907 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
LP3907
www.ti.com
SNVS511N – JUNE 2007 – REVISED AUGUST 2011
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible
Interface
Check for Samples: LP3907
1
FEATURES
and Buck2 (i.e., Power Good with delay
function)
2
•
Compatible with advanced applications
•
Undervoltage lock out detector to monitor
processors and FPGAs
input supply voltage
•
2 LDOs for powering Internal processor
•
LP3907Q is an Automotive Grade product that
functions and I/Os
is AECQ-100 Grade 1 qualified
•
High-speed serial interface for independent
control of device functions and settings
APPLICATIONS
•
Precision internal reference
•
FPGA, DSP core power
•
Thermal overload protection
•
Applications processors
•
Current overload protection
•
Peripheral I/O power
•
24-lead 4 × 4 × 0.8mm LLP or 25-bump 2.5 x
2.5mm micro SMD package
•
Software Programmable Regulators
•
External Power-on-reset function for Buck1
DESCRIPTION
The LP3907 is a multi-function, programmable Power Management Unit, optimized for low power FPGAs,
microprocessors and DSPs. This device integrates two highly efficient 1A/600mA step-down DC/DC converters
with dynamic voltage management (DVM), two 300mA linear regulators and a 400kHz I2C compatible interface to
allow a host controller access to the internal control registers of the LP3907. The LP3907 additionally features
programmable power-on sequencing. Package options include a tiny 4 x 4 x 0.8mm LLP 24-pin package and an
even smaller 2.5 x 2.5mm micro SMD 25-bump package.
Table 1. Key Specifications
Step-Down DC/DC Converter (Buck)
1A/600mA output current
Programmable VOUT from:
Buck1 : 0.8V - 2.0V @ 1A
Buck2 : 1.0V - 3.5V @ 600mA
Up to 96% efficiency
2.1MHz PWM switching frequency
PWM - PFM automatic mode change under low loads
±3% output voltage accuracy
Automatic soft start
Linear Regulators (LDO)
Programmable VOUT of 1.0V–3.5V
(except “JJ11” and “FX6W” options)
±3% output voltage accuracy
300mA output current
30mV (typ) dropout
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3907

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
December 12, 2007
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP3907QSQ-JJXP/NOPB TI1-LP3907QSQ-JJXP/NOPB Datasheet
3Mb / 53P
Dual High-Current Step-Down DC-DC And Dual Linear Regulator
More results

Similar Description - LP3907

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3907 NSC-LP3907 Datasheet
2Mb / 42P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
December 12, 2007
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
logo
Texas Instruments
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906 TI1-LP3906 Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
logo
National Semiconductor ...
LP3906 NSC-LP3906 Datasheet
1Mb / 38P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com