Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP3907 Datasheet HTML 41Page - Texas Instruments LP3907 Datasheet HTML 42Page - Texas Instruments LP3907 Datasheet HTML 43Page - Texas Instruments LP3907 Datasheet HTML 44Page - Texas Instruments LP3907 Datasheet HTML 45Page - Texas Instruments LP3907 Datasheet HTML 46Page - Texas Instruments LP3907 Datasheet HTML 47Page - Texas Instruments LP3907 Datasheet HTML 48Page - Texas Instruments LP3907 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
LP3907
www.ti.com
SNVS511N – JUNE 2007 – REVISED AUGUST 2011
η1 = efficiency of buck 1
Power dissipation of Buck2
PBuck2 = PIN – POUT =
VoutBuck2 * IoutBuck2 * (1 - η2) / η2 [V*A]
η2 = efficiency of Buck2
Where
η is the efficiency for the specific condition taken from efficiency graphs.
Thermal Performance of the LLP Package
The LP3907 is a monolithic device with integrated power FETs. For that reason, it is important to pay special
attention to the thermal impedance of the LLP package and to the PCB layout rules in order to maximize power
dissipation of the LLP package.
The LLP package is designed for enhanced thermal performance and features an exposed die attach pad at the
bottom center of the package that creates a direct path to the PCB for maximum power dissipation. Compared to
the traditional leaded packages where the die attach pad is embedded inside the molding compound, the LLP
reduces one layer in the thermal path.
The thermal advantage of the LLP package is fully realized only when the exposed die attach pad is soldered
down to a thermal land on the PCB board with thermal vias planted underneath the thermal land. Based on
thermal analysis of the LLP package, the junction-to-ambient thermal resistance (
θJA) can be improved by a
factor of two when the die attach pad of the LLP package is soldered directly onto the PCB with thermal land and
thermal vias, as opposed to an alternative with no direct soldering to a thermal land. Typical pitch and outer
diameter for thermal vias are 1.27mm and 0.33mm respectively. Typical copper via barrel plating is 1oz, although
thicker copper may be used to further improve thermal performance. The LP3907 die attach pad is connected to
the substrate of the IC and therefore, the thermal land and vias on the PCB board need to be connected to
ground (GND pin).
For more information on board layout techniques, refer to Application Note AN–1187 “Leadless Lead frame
Package (LLP).” on http://www.national.com This application note also discusses package handling, solder
stencil and the assembly process.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LP3907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com