Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMT2-458-5-R Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # HMT2-458-5-R
Description  NBFM Multi-channel 500mW UHF Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

HMT2-458-5-R Datasheet(HTML) 3 Page - Radiometrix Ltd

  HMT2-458-5-R Datasheet HTML 1Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 2Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 3Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 4Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 5Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 6Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Radiometrix Ltd
HMT2 Data Sheet
page 3
User Interface
Pin description
Pin
Name
Function
1a
Vcc
5v regulated power supply (high current feed)
2a
0V
Ground
3a
0V
Ground
4a
0V
Ground
5a
RF input
50Ω RF input from the antenna
6a
0V
Ground
1b
P0/PGM
Channel select LSB / Serial programming (inverted logic level rs232)
2b
P1
Channel select
3b
P2
Channel select
4b
P3
Channel select MSB
5b
Vcc
5v input (low current feed)
6b
TXE
Transmitter enable. Low = ON, open = off. 100K pullup to Vcc
7b
0V
Ground
8b
TXD
DC coupled input for 3V CMOS logic. Rin=47kΩ
Notes:
1.
Serial programming is by an inverted, cmos logic level, 2400 baud RS232 datastream applied to the
P0 pin.
2.
Channel select inputs have pullups (50K) to 4v internal rail. Do not exceed 4v logic levels on this
port.
3.
Channel select inputs are active low
4.
TXE has a 100K pullup to Vcc
5.
All pins are on an 0.1" grid
6.
Pin 1a supplies the power amplifer. This pin requires a clean, well regulated 5v supply at up to
300mA
Pin 5b supplies the remainder of the module. It can tolerate 4.1-9v and draws up to 100mA
7.
A version of the design is available with an LDO regulator in the PA feed.
In this case pin 1a can be supplied from a 6-9v rail too
8.
Pinout is compatible with FPX3, SHX1 and UHX1 transceivers, although the case is narrower and
the pins associated with receive functionality are absent.
Figure 3: HMT2 Footprint (Top) view through can



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com