Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMT2-458-5-R Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # HMT2-458-5-R
Description  NBFM Multi-channel 500mW UHF Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

HMT2-458-5-R Datasheet(HTML) 1 Page - Radiometrix Ltd

  HMT2-458-5-R Datasheet HTML 1Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 2Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 3Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 4Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 5Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 6Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Radiometrix Ltd
HMT2 Data Sheet
page 1
Features
Conforms to EN 300 220-3 and EN 301 489-3
PLL Synthesized transmitter with TCXO
Data rates up to 5 kbps for standard module
Usable range over 5km
Fully screened
User configurable via RS232 interface
Low power requirements
Applications
Handheld terminals
On-site paging system (e.g. Nurse call pagers)
Heavy vehicle/machine remote controls
Data loggers
Industrial telemetry and telecommand
High-end security and fire alarms
Vehicle data up/download
Technical Summary
Operating frequency: 458.525 - 459.1MHz (standard)
or 458.8 - 459.3MHz and 461.3MHz (for paging)
16 parallel / 32 serial select channels
Transmit power: +27dBm (500mW) nominal
Supply range: +5V regulated (or +6 - +9V for -R version)
Current consumption: 350mA transmit, <5µA standby
Data bit rate: 5kbps max. (standard module)
Size: 66 x 23 x 9 mm
The HMT2 transmitter module offers a
500mW RF output in the UK 458MHz. This
unit is ideally suited to applications where
existing
lower
powered
transmitters
provide
insufficient
range.
The HMT2
transmitter is a multi-channel, narrowband
design,
suitable
for
licensed
and
unlicensed UHF allocations. Together with
a matching LMR2 receiver a one-way radio
data link can be achieved over a distance
of well over 5km (with a suitable antenna).
Figure 1: HMT2-458-5
NBFM Multi-channel 500mW UHF Transmitter
Hartcran House, 231 Kenton Lane, Harrow, Middlesex, HA3 8RP, England
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233, www.radiometrix.com
Issue A, 06
th February 2013
HMT2-458-5
PRELIMINARY


Similar Part No. - HMT2-458-5-R

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
HMT25 SENSATA-HMT25 Datasheet
199Kb / 6P
ABSOLUTE MULTI-TURN ENCODER | HMT25
More results

Similar Description - HMT2-458-5-R

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
NBFM Multi-channel 500mW UHF Transceiver
TLM2-458-5 RADIOMETRIX-TLM2-458-5 Datasheet
139Kb / 7P
NBFM Multi-channel 500mW UHF Transmitter
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
NBFM Multi-channel 500mW UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
NBFM Multi-channel UHF Transceiver
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
500mW NBFM Multi-channel UHF Transceiver
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
500mW UHF NBFM multi channel radio modem
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
500mW UHF NBFM multi channel RS232 Radio Modem
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
500mW UHF NBFM multi channel radio modem
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com