Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMT2-458-5-R Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # HMT2-458-5-R
Description  NBFM Multi-channel 500mW UHF Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

HMT2-458-5-R Datasheet(HTML) 5 Page - Radiometrix Ltd

  HMT2-458-5-R Datasheet HTML 1Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 2Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 3Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 4Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 5Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 6Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Radiometrix Ltd
HMT2 Data Sheet
page 5
Version 2: programming instruction
The HMT2 provides 32 individually programmable channels
(As supplied, CH00-CH20 are programmed to 458.8 - 459.3MHz, and channels 21-31 are all set to
461.3MHz)
GOCHAN aa
Serially select channel aa, where aa is ch0 to ch31
TEMP aa
select channel aa, but revert to last GOCHAN value on next key-up
LOAD aa
nnnnn
Set value of N register for channel aa, where aa is Channels 0 to 31
RVALUE rrrr
Set value for R register
<cr>
Process entry
/
Clear all buffers
aa = a two digit channel number from 00 to 31 (and it MUST be two digits, so use "01" instead of "1".etc)
nnnnn = synthesizer N register value (up to 65535)
rrrr = synthesizer R register value (up to 16383)
18352
kHz
25
MHz
800
.
458
f
f
N
cing
Channelspa
RF
=
=
=
kHz
MHz
f
f
R
cing
channelspa
TCXO
25
13
=
=
, So R=520
Notes:
1.
A 2400 baud cmos level ‘inverted RS232 format’ (1 start bit, 8 data, 1or 2 stop bits, no parity) is
used.
2.
The unit echos all bytes sent back on the P3 output.
Following any successful operation, the bytes OK <cr> are also sent back, when the unit is ready.
3.
To successfully program the unit it must be in active state (txe low), so provision should be made to
force the unit into this state while programming (the third pin on the auxiliary programming connector
does this).
4.
All commands except the non-volatile TEMP aa initiate an e2prom programming sequence. 50mS
must be left before the next command is sent.
5.
These units employs a sub-set of the programming commands used by standard LMT module. (As
the P0 pin is dedicated to serial communication only, the ‘ENABLESERIALMODE’ command string is
NOT required.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com