Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMT2-458-5-R Datasheet(PDF) 6 Page - Radiometrix Ltd

Part # HMT2-458-5-R
Description  NBFM Multi-channel 500mW UHF Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

HMT2-458-5-R Datasheet(HTML) 6 Page - Radiometrix Ltd

  HMT2-458-5-R Datasheet HTML 1Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 2Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 3Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 4Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 5Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 6Page - Radiometrix Ltd HMT2-458-5-R Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Radiometrix Ltd
HMT2 Data Sheet
page 6
Condensed specifications
Frequency
As supplied:
Version 1: 458.525 - 459.1MHz (25kHz steps)
Version 2: 458.8 - 459.3MHz (25KHz steps) and 461.3MHz
Frequency stability
+/- 1.5kHz
Channel spacing
25kHz
Number of channels
16 channels controlled by parallel port
32 channels controlled via RS232 interface
Transmit
Output power
+27dBm (500mW) ±1dB
TX on switching time
30 ms from TXE transition
Modulation type
FSK (F3D)
TX modulation bandwidth
DC – 3kHz (3v CMOS compatible DATA input)
Adjacent channel TX power
<-37dBm
TX spuri
<-36dBm (no output in standby)
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Inputs
data (CMOS/TTL compatible)
Supply
Voltage
+5V regulated (or 6-9V in –R version)
Current
350mA nominal transmit
<5µA standby (TXE high or floating)
Interface
User
8 pin 0.1" pitch single row header
RF
6 pin 0.1" pitch
Recommended PCB hole size
1.2mm (min.)
Size
66 x 23 x 9mm
Operating temperature
-20 to +55
οC (Storage -30 to +70 οC)
Intended approval
ETSI Radio standard EN 300 220-3 and EMC standard EN 301 489-3
Ordering Information:
Part No.
Notes
Frequency band
HMT2-458-5
version 1
458.525 - 459.1MHz
HMT2-460-5
version 2
458.8 - 459.3MHz and 461.3MHz
HMT2-458-5-R
version 1; regulator version
458.525 - 459.1MHz
HMT2-460-5-R
version 2; regulator version
458.8 - 459.3MHz and 461.3MHz
Matching Receiver
LMR2-458-5 (version 1)
458.525 - 459.1MHz
LMR2-460-5 (version 2)
458.8 - 459.3MHz and 461.3MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com