Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C348VPFV Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # MB40C348VPFV
Description  3ch 8-bit 100 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C348VPFV Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button MB40C348VPFV Datasheet HTML 2Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 3Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 4Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MB40C348V
6
s
s
s
s ABSOLUTE MAXIMUM RATINGS
*1 : Do not exceed +4.0 V.
*2 : Do not exceed +7.0 V.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Rating
Unit
Min.
Max.
Power supply voltage
AVDD, DVDD, PVDD
−0.3
+4.0
V
VESD
−0.3
+7.0
V
Input/output voltage
RVIN, GVIN, BVIN,
RADIN, GADIN, BADIN,
RVCLP, GVCLP, BVCLP,
RVRT, GVRT, BVRT,
RVRTM, GVRTM, BVRTM,
VRB, VRBM,
RVM, GVM, BVM, VREF, RREF
−0.3
AVDD+0.3
*1
V
RDA0 to RDA7, RDB0 to RDB7,
GDA0 to GDA7, GDB0 to GDB7,
BDA0 to BDA7, BDB0 to BDB7,
DSYNC, DSYNCB, OF,
COUT, CLK, CLKB,
ADCLKA, ADCLKB
−0.3
DVDD
+0.3*1
V
LPF
−0.3
PVDD
+0.3*1
V
CK, DATA, CS,
EXPCLKB, EXPCLK,
PCLP, EXCLK,
HHOLD, HSYNC
−0.3
VESD
+0.3*2
V
Storage temperature
TSTG
−55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com