Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C348VPFV Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB40C348VPFV
Description  3ch 8-bit 100 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C348VPFV Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MB40C348VPFV Datasheet HTML 3Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 4Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MB40C348V
7
s
s
s
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Power supply voltage
AVDD, DVDD
3.00
3.30
3.60
V
PVDD
3.00
3.30
3.60
V
VESD
3.00
5.25
V
A/D converter input voltage
VADIN
VRB
VRT
V
Analog reference voltage : T
VRT
2.2
AVDD
− 0.6
V
Analog reference voltage : B
VRB
0.6
0.7
V
Analog reference voltage range
VRT
− VRB
1.0
1.5
1.8
V
Video Amp. input voltage
VIN (P-P)
0.5
0.9
VP-P
Clamp input voltage
VCLP
0.6
VRB
1.7
V
Digital “H” level input voltage
VIHD
2.5
VESD
V
Digital “L” level input voltage
VILD
0
0.5
V
Digital “H” level output current
IOHD
−400

µA
Digital “L” level output current
IOLD

1.6
mA
PLL counter
PC
100
4095
HSYNC input frequency range
fHSYNC
10
100
kHz
HHOLD set up time
tsHHOLD
20

ns
HHOLD hold time
thHHOLD
20

ns
Clamp pulse width
tWCLP
0.5

µs
CK clock pulse width
tWCKL, tWCKH
100

ns
DATA set up time
tsDATA
30

ns
DATA hold time
thDATA
30

ns
CS set up time
tsCS
50

ns
CS hold time
thCS
50

ns
CS “H” level hold time
tWCSH
100

ns
Operating temperature range
Ta
−20
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com