Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C348VPFV Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB40C348VPFV
Description  3ch 8-bit 100 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C348VPFV Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB40C348VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 11Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 12Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 13Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 14Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MB40C348V
11
Example: input at 16 bit
s
s
s
s RECOMMENDED VALUE OF SERIAL DATA SETTING
VCO select : VCOH (fVCO
= 85 MHz to 162 MHz)
VCOL (fVCO
= 75 MHz to 140 MHz)
fCLK
= fHSYNC × Counter
fVCO
= fHSYNC × Counter/Divider
fCLK (MHz)
fHSYNC (kHz)
Counter
Icp (mA)
VCO select
Divider
fVCO (MHz)
XGA
94.500
68.677
1376
0.5
VCOH or VCOL
1/1
94.500
78.750
60.023
1312
0.5
VCOL
1/1
78.750
75.000
56.476
1328
0.5
VCOH
1/2
150.000
65.000
48.363
1344
0.5
VCOH or VCOL
1/2
130.000
SVGA
56.250
53.674
1048
0.5
VCOH or VCOL
1/2
112.500
50.000
48.077
1040
0.5
VCOH or VCOL
1/2
100.000
49.500
46.875
1056
0.5
VCOH or VCOL
1/2
99.000
40.000
37.879
1056
0.5
VCOL
1/2
80.000
VGA
36.000
43.269
832
0.5
VCOH
1/4
144.000
31.500
37.861
832
0.5
VCOH or VCOL
1/4
126.000
25.175
31.469
800
0.5
VCOH or VCOL
1/4
100.700
25.149
31.436
800
0.5
VCOH or VCOL
1/4
100.596
PAL
29.375
15.625
1880
0.5
VCOH or VCOL
1/4
117.500
22.031
15.625
1410
0.5
VCOH or VCOL
1/4
88.125
14.688
15.625
940
0.5
VCOH or VCOL
1/8
117.500
NTSC
24.545
15.734
1560
0.5
VCOH or VCOL
1/4
98.180
18.409
15.734
1170
0.5
VCOH
1/8
147.270
12.273
15.734
780
0.5
VCOH or VCOL
1/8
98.180
MSB
(5 bit)
(8 bit)
DATA
Address
(3 bit)
LSB
DATA input
CS input
The invalid data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com