Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB40C348VPFV Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB40C348VPFV
Description  3ch 8-bit 100 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C348VPFV Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB40C348VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 9Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 10Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 11Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 12Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 13Page - fujitsu semiconductor MB40C348VPFV Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MB40C348V
10
s
s
s
s SERIAL DATA SETTING (MSB Fast)
*1 : Setting at 6bit, Resolution : 1/32
× CLK, Setting range : 0 to 63/32 × CLK
*2,
*3, *4 : See under table
Setting
0 (0, 0)
1 (1, 0)
2 (0, 1)
3 (1, 1)
DSYNC delay
*2
0 CLK
1 CLK
2 CLK
3 CLK
Charge pump current
*3
0.1 mA
0.5 mA
1.0 mA
Divider setting
*4
1/1
1/2
1/4
1/8
(Address)
(Data)
LSB
MSB
RES
D0D1D2D3D4D5D6D7D8D9
D10
Function
0
000
0
0
0
X
XXXX
CE : 0
= operation mode,
1
= all function power off
0000
0
0
XXXXX
DSEL : 0
= demultiplex output,
1
= straight output
00000
0
X
X
X
X
X
Video Amp. : 0
= operation, 1 = off
11
0
0
0
0
0
0
0
0
1
0
Counter low ranking 8 bit
20
1
0
0
0
0
0
X
X
X
X
Counter high ranking 4 bit
3
110
0
0
0
0
0
0
1
0
CLK delay adjust*1 : td
= N/ (32 × fCLK)
110000000
10
HSYNC polarity : 0
= through, 1 = inversion
1100000001
0
A/D Converter output : 0
= operation,
1
= high impedance
4
001
00000010
CLK output : 0
= on, 1 = “L”
0010
0
0
0
0
0
1
0
CLKB output : 0
= on, 1 = “L”
00100
0
0
0
0
1
0
DSYNC output : 0
= on, 1 = “L”
001000
0
0
0
1
0
DSYNCB output : 0
= on, 1 = “L”
0010000
0010
ADCLKA output : 0
= on, 1 = “L”
00100000
0
1
0
ADCLKB output : 0
= on, 1 = “L”
001000000
1
0
DSYNC delay
* 2 : 0, 1, 2, 3
5
101
0
0
0
0
0
0
1
0
CLK change : 0
= VCO, 1 = External clock
1010
0000010
External clock input : 0
= CMOS,
1
= PECL
10100
0
0
0
0
1
0
Counter operation : 0
= on, 1 = off
101000
0
0010
Charge pump current
* 3 :
0.1 mA, 0.5 mA, 1 mA
10100000
0
1
0
VCO select : 0
= VCOL, 1 = VCOH
101000000
1
0
Divider setting
* 4 : 1, 1/2, 1/4, 1/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com