Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP486 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP486
Description  Quad RS-485/RS-422 Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP486 Datasheet(HTML) 2 Page - Exar Corporation

  SP486 Datasheet HTML 1Page - Exar Corporation SP486 Datasheet HTML 2Page - Exar Corporation SP486 Datasheet HTML 3Page - Exar Corporation SP486 Datasheet HTML 4Page - Exar Corporation SP486 Datasheet HTML 5Page - Exar Corporation SP486 Datasheet HTML 6Page - Exar Corporation SP486 Datasheet HTML 7Page - Exar Corporation SP486 Datasheet HTML 8Page - Exar Corporation SP486 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP486_487_00_066
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC........................................................................+7V
Input Voltages
Logic..........................-0.5V to (Vcc + 0.5V)
Drivers.......................-0.5V to (Vcc + 0.5V)
Driver Output Voltage.......................................+/-4V
Input Currents
Logic..............................................+/-25mA
Driver.............................................+/-25mA
Storage Temperature........................-65˚C to +150˚C
Power Dissipation
Plastic DIP......................................................375mW
(derate 7mW/ºC above +70ºC)
Small Outline..................................................375mW
(derate 7mW/ºC above +70ºC)
ELECTRICAL CHARACTERISTICS
V
CC = +5.0V +/-5%; typicals at 25°C; TMIN ≤ TAMB ≤ TMAX unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
DC CHARACTERISTICS
DIGITAL INPUTS
DI, EN, EN, EN
/EN2, EN3/EN4
Voltage V
IL
0.8
Volts
Voltage V
IH
2.0
Volts
Input Current
+/-2
µA
V
IN = 0V to VCC
DRIVER OUTPUTS
Differential Voltage
5
Volts
I
O = 0; unloaded
Differential Voltage
2
Volts
R
L = 50Ω (RS-422); Figure 1
Differential Voltage
.5
2
5
Volts
R
L = 27Ω (RS-485); Figure 1
Change in Output Magnitude
for Complementary Output
state
0.2
Volts
R
L = 27Ω or 50Ω; Figure 1
Common Mode Output Voltage
2.3
3
Volts
R
L = 27Ω or 50Ω; Figure 1
Change in Common Mode
Output Magnitude for
Complementary Output state
0.2
Volts
R
L = 27Ω or 50Ω; Figure 1
Driver Short Circuit Current V
OH
+/-250
mA
-7V ≤ V
O ≤ +10V
Driver Short Circuit Current V
OL
+/-250
mA
-7V ≤ V
O ≤ +10V
High Impedance Output
Current
+/-2
+/-200
µA
V
O = -7V to +0V
POWER REQUIREMENTS
Supply Voltage
4.75
5.25
Volts
Supply Current
0.5
0
µA
No load, output enabled
Supply Current
0.
0
µA
No load, output disabled



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com